Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECV10M7KA00-R0 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # SFECV10M7KA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECV10M7KA00-R0 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  SFECV10M7KA00-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
3
1
Ceramic Filters (CERAFILr) for FM Receivers
CERAFILr Chip Type SFECV Series
SFECV10M7 series for FM-receivers are monolithic type
ceramic filters which utilize the energy trapped
thickness vibration-mode of the piezoelectric ceramic.
By taking advantage of the very low profile, new SFECV
series and PFWCC(kHz filter for AM receiver) enable
costomers to make AM/FM set so thin, and it can be of
help to the total chip circuit.
s Features
1. Super-thin. Only 1.5mm. The most suitable ceramic
filter available for thinning substrates.
2. Heat resistant. Reflow soldering can be performed
because of its excellent heat resistance.
3. Piezoelectric element is connected in the
sandwich shape by heat resistant substrate, thus
it has excellent mechanical strength, and it is
suitable for automatic mounting.
4. Various bandwidths are available. Select a
suitable type in accordance with the desired
selectivity.
5. Electrical characteristics are the same as
conventional "CERAFIL".
s Applications
1. Small, thin radios
2. Automotive radios
3. Headphone steros
6.9
±0.3
*
*
*
4.05
±0.4
Bottom Electrode
Side Electrode
1.2
±0.5
1.0
±0.5
1.0
±0.5
1.2
±0.3
1.2
±0.5
1.5
±0.2
(3)
(2)
(1)
(1) : Input
(2) : Ground
(3) : Output
** : EIAJ Monthly Code
** : Center Frequency Rank Code
: Marking
(in mm)
1.0
±0.5
Part Number
Center Frequency (fo)
(MHz)
3dB Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Spurious Attenuation
(dB)
SFECV10M7KA00-R0
10.700
±30kHz
within110
±30kHz
320 max.
within6.0
±2.0dB
35 min.
SFECV10M7JA00-R0
10.700
±30kHz
within150
±40kHz
380 max.
10.0 max.
30 min.
SFECV10M7HA00-R0
10.700
±30kHz
within180
±40kHz
470 max.
within4.0
±2.0 dB
35 min.
SFECV10M7GA00-R0
10.700
±30kHz
within230
±50kHz
510 max.
within3.5
±2.0 dB
35 min.
SFECV10M7FA00-R0
10.700
±30kHz
within280
±50kHz
590 max.
within3.0
±2.0 dB
35 min.
Area of Attenuation : [within 20dB]
Area of Spurious Attenuation : [within 9MHz to 12MHz]
Center frequency(fo) defined by the center of 3dB bandwidth.
s Center Frequency Rank Code
CODE
D
B
A
C
E
Z
M
30kHz Step
10.64MHz
±30kHz
10.67MHz
±30kHz
10.70MHz
±30kHz
10.73MHz
±30kHz
10.76MHz
±30kHz
25kHz Step
10.650MHz
±25kHz
10.675MHz
±25kHz
10.700MHz
±25kHz
10.725MHz
±25kHz
10.750MHz
±25kHz
Combination A,B,C,D,E
Combination A,B,C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com