Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECV10M7KA00-R0 Datasheet(PDF) 34 Page - Murata Manufacturing Co., Ltd.

Part # SFECV10M7KA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECV10M7KA00-R0 Datasheet(HTML) 34 Page - Murata Manufacturing Co., Ltd.

Back Button SFECV10M7KA00-R0 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. SFECV10M7KA00-R0 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
33
10
Ceramic Filters (CERAFILr) for FM Receivers
CERAFILr Three-Elements Type SFTLA Series
SFTLA10M7 series for FM-receivers are monolithic type
ceramic filters which use the energy trapped thickness
vibration-mode of the piezoelectric ceramic.
s Features
1. It has an excellent shape factor, and it is
possible to obtain 1.5 times more excellent
selectivity than SFELA10M7 series (by detuning
+-300 or 400kHz).
2. Good performance of spurious suppression.
3. Having the same terminal pitch as the SFELA10M7
series, it easily replaces that series.
4. By replacing two SFELA10M7 series filters with one
SFTLA10M7 filter,more compact sets can be made.
5. Well-suited for 1-chip ICs.
M A R K I N G
(1)
(2)
(3)
10.0
±1.0
2.5
±0.2
0.5
±0.1
0.65
±0.1
0.4
±0.1
2.5
±0.2
1.4
±0.1
E I A J
C O D E
in mm
(1) : Input
(2) : Ground
(3) : Output
SFTLA10M7HA00-B0
M A R K I N G
(1)
(2)
(3)
10.0
±1.0
2.5
±0.2
0.5
±0.1
0.65
±0.1
0.4
±0.1
2.5
±0.2
1.4
±0.1
E I A J
C O D E
in mm
(1) : Input
(2) : Ground
(3) : Output
SFTLA10M7GA00-B0
M A R K I N G
(1)
(2)
(3)
10.0
±1.0
2.5
±0.2
0.5
±0.1
0.65
±0.1
0.4
±0.1
2.5
±0.2
1.4
±0.1
E I A J
C O D E
in mm
(1) : Input
(2) : Ground
(3) : Output
SFTLA10M7FA00-B0
Part Number
Center Frequency (fo)
(MHz)
3dB Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Spurious Attenuation
(dB)
SFTLA10M7HA00-B0
10.700
±30kHz
within180
±40kHz
550 max.
within5.5
±2.5dB
50 min.
SFTLA10M7GA00-B0
10.700
±30kHz
within230
±40kHz
650 max.
within6.0
±2.0dB
50 min.
SFTLA10M7FA00-B0
10.700
±30kHz
within280
±50kHz
700 max.
within6.0
±2.0dB
50 min.
Area of Attenuation : [within 40dB]
Area of Spurious Attenuation : [within 9MHz to 12MHz]
Center frequency(fo) defined by the center of 3dB bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com