Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECS10M7HA00-R0 Datasheet(PDF) 46 Page - Murata Manufacturing Co., Ltd.

Part # SFECS10M7HA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECS10M7HA00-R0 Datasheet(HTML) 46 Page - Murata Manufacturing Co., Ltd.

Back Button SFECS10M7HA00-R0 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
45
13
Ceramic Filters (CERAFILr) for FM Receivers
Discriminators CDALA Series
CDALA10M7 series forms a resonator on a piezoelectric
ceramic substrate. In combination with ICs, this type
obtains stable demodulation characteristics in wide
bandwidths.
s Features
1. Compact and excellent mechanical strength.
2. Can be combined with various ICs. The IC is
determined by the last number in the part number.
3. Stable demodulation characteristics can be obtained
without adjustment.
4. The MG type for wide bandwidths and the MC type for
narrow bandwidths are available.
5. Stable temperature characteristics.
6. We recommend combination : ceramic discriminator
CDALA10M7 series and "CERAFIL" SFELA10M7 of the
same frequency rank.
Freq. Rank (Color Dot)
8.0
±1.0
0.4
±0.1
0.5
±0.1
0.65
±0.1
(in mm)
5.0
±0.2
M A R K I N G
E I A J
C O D E
CDALA10M7G_ Series
Freq. Rank (Color Dot)
8.0
±1.0
0.4
±0.1
0.5
±0.1
0.65
±0.1
(in mm)
5.0
±0.2
M A R K I N G
E I A J
C O D E
CDALA10M7C_ Series
Part Number
Center Frequency (fo)
(MHz)
Recovered Audio 3dB BW
(kHz)
Recovered Audio Output
(mV)
Distortion
(%)
IC
Detection Method
CDALA10M7GA001-B0
10.700
±30kHz
345 min.
25 min.
0.6 max.
CX20029
Quadrature
CDALA10M7GA016-B0
10.700
±30kHz
300 min.
within60 to 90mV
0.9 max.
TA8122F
Quadrature
CDALA10M7GA018-B0
10.700
±30kHz
300 min.
60 min.
0.9 max.
TA8132N
Quadrature
CDALA10M7GA046-B0
10.700
±30kHz
330 min.
280 min.
1.0 max.
LA1832
Quadrature
CDALA10M7GA048-B0
10.700
±30kHz
400 min.
700 min.
1.0 max.
LA1835
Quadrature
CDALA10M7GA092-B0
10.700
±30kHz
300 min.
60 min.
1.0 max.
TA2132P
Quadrature
CDALA10M7CA001-B0
10.700
±30kHz
242 min.
35 min.
-
CX20091
Quadrature
CDALA10M7CA005A-B0
10.700
±30kHz
100 min.
600 min.
6.0 max.
LA7770
Quadrature
CDALA10M7CA040-B0
10.700
±30kHz
130 min.
40 min.
0.7 max.
TEA5710
Quadrature
s Center Frequency Rank Code
CODE
D
B
A
C
E
Z
M
30kHz Step
10.64MHz
±30kHz
10.67MHz
±30kHz
10.70MHz
±30kHz
10.73MHz
±30kHz
10.76MHz
±30kHz
25kHz Step
10.650MHz
±25kHz
10.675MHz
±25kHz
10.700MHz
±25kHz
10.725MHz
±25kHz
10.750MHz
±25kHz
Combination A,B,C,D,E
Combination A,B,C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com