Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECS10M7HA00-R0 Datasheet(PDF) 15 Page - Murata Manufacturing Co., Ltd.

Part # SFECS10M7HA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECS10M7HA00-R0 Datasheet(HTML) 15 Page - Murata Manufacturing Co., Ltd.

Back Button SFECS10M7HA00-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
14
4
Ceramic Filters (CERAFILr) for FM Receivers
CERAFILr Low-loss Type
SFELA10M7 series for FM-receivers are monolithic type
ceramic filters which use the energy trapped thickness
vibration-mode of the piezoelectric ceramic.
s Features
1. Insertion loss is 1 to 1.5dB lower than
conventional products. This types are useful for
elevating the sensitivity of sets.
2. Small dispersion and stable characteristics.
3. Excellent shape factor of frequency response.
4. Good waveform symmetry.
(1)
(2)
(3)
7.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELA_JAA0-B0
(1)
(2)
(3)
7.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELA_HAA0-B0
(1)
(2)
(3)
7.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELA_GAA0-B0
(1)
(2)
(3)
7.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELA_FAA0-B0
Part Number
Center Frequency (fo)
(MHz)
3dB Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Spurious Attenuation
(dB)
SFELA10M7JAA0-B0
10.700
±30kHz
within150
±40kHz
360 max.
within4.5
±2.0dB
35 min.
SFELA10M7HAA0-B0
10.700
±30kHz
within180
±40kHz
470 max.
within3.5
±1.5dB
35 min.
SFELA10M7GAA0-B0
10.700
±30kHz
within230
±50kHz
520 max.
within3.0
±2.0dB
35 min.
SFELA10M7FAA0-B0
10.700
±30kHz
within280
±50kHz
590 max.
within2.5
±2.0dB
30 min.
Area of Attenuation : [within 20dB]
Area of Spurious Attenuation : [within 9MHz to 12MHz]
Center frequency(fo) defined by the center of 3dB bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com