Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECS10M7HA00-R0 Datasheet(PDF) 29 Page - Murata Manufacturing Co., Ltd.

Part # SFECS10M7HA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECS10M7HA00-R0 Datasheet(HTML) 29 Page - Murata Manufacturing Co., Ltd.

Back Button SFECS10M7HA00-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
28
9
Ceramic Filters (CERAFILr) for FM Receivers
CERAFILr For FM -IF Tuners
SFELA10M7 series for FM-receivers are monolithic type
ceramic filters which use the energy trapped thickness
vibration-mode of the piezoelectric ceramic.
s Features
1. Little dispersion of amplitude characteristics and
phase characteristics (G. D. T. characteristics).
2. The SFELA10M7G_X series has G. D. T characteristics
and is useful for obtaining low distortion.
SFELA10M7F_L series, in these ceramic filters,
being in harmony with flatness of G. D. T. ,
roundness of the amplitude and selectivity
characteristics, therefore, these ceramic filters
are suitable to high-grade stereo tuners. Even if
mismatching condition, they can keep little
distortion because of low Qm of ceramic material.
The SFELA10M7FA0G series is based on
SFELA10M7FA00/GA00/HA00, and it obtains high
selectivity with low loss.
There is little dispersion of amplitude and
G. D. T. characteristics, and low distortion rate
can be obtained.
3. All products are inspected for symmetry and
roundness of amplitude characteristics, and the
flatness of G. D. T. characteristics.
M A R K I N G
9 . 0 m a x .
0 . 5
±0.1
1 . 7
±0.1
1 . 3 8
±0.2
2.5
±0.2 2.5±0.2
( 3 )
( 2 )
( 1 )
E I A J
C O D E
SFELA10M7JAXE-B0
(1)
(2)
(3)
7.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELA10M7HA0G-B0
M A R K I N G
9 . 0 m a x .
0 . 5
±0.1
1 . 7
±0.1
1 . 3 8
±0.2
2.5
±0.2 2.5±0.2
( 3 )
( 2 )
( 1 )
E I A J
C O D E
SFELA10M7HAXD-B0
(1)
(2)
(3)
7.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELA10M7GA0G-B0
(1)
(2)
(3)
7.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELA10M7GALM-B0
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com