Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECS10M7HA00-R0 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # SFECS10M7HA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECS10M7HA00-R0 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button SFECS10M7HA00-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SFECS10M7HA00-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
5
1
Continued from the preceding page.
s Frequency Characteristics (Spurious)
SFECV10M7HA00-R0
0
10
20
30
40
50
60
70
8.700
10.700
9.700
11.700
12.700
Frequency (MHz)
SFECV10M7GA00-R0
0
10
20
30
40
50
60
70
8.700
10.700
9.700
11.700
12.700
Frequency (MHz)
SFECV10M7FA00-R0
0
10
20
30
40
50
60
70
8.700
10.700
9.700
11.700
12.700
Frequency (MHz)
s Standard Land Pattern Dimensions
(in mm)
Land
1.2
1.65
2.85
2.85
1.65
1.2
1.2
s Test Circuit
(1)
(3)
(2)
R2
C2
E2
RF
Voltmeter
R1
E1
S.S.G.
=-10dBm
Rg
Rg = 50
Ω R1 = 280Ω ±5% R2 = 330Ω ±5%
C2 = 10
± 2 pF (Including stray capacitance and Input capacitance
of RF Volt Meter)
E1 : S.S.G. S.S.G. Output Voltage
(1): Input
(2): Ground
(3): Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com