Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECS10M7FA00-R0 Datasheet(PDF) 18 Page - Murata Manufacturing Co., Ltd.

Part # SFECS10M7FA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECS10M7FA00-R0 Datasheet(HTML) 18 Page - Murata Manufacturing Co., Ltd.

Back Button SFECS10M7FA00-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
17
5
Ceramic Filters (CERAFILr) for FM Receivers
CERAFILr Low-profile Type
SFELB10M7 series for FM-receivers are monolithic type
ceramic filters which use the energy trapped thickness
vibration-mode of the piezoelectric ceramic.
s Features
1. Installed height is 5 mm, making it well suited for
compact, thin sets.
2. Environmental reliability is the same as those of
the ceramic filter SFELA10M7 series.
(1)
(2)
(3)
7.5
±2.0
2.5
±0.2
2.5
±0.2
1.3
±0.1
0.5
±0.1
1.5
±0.1
E I A J
C O D E
M A R K I N G
in mm
(1) : Input
(2) : Ground
(3) : Output
SFELB10M7KA00-B0
(1)
(2)
(3)
7.5
±2.0
2.5
±0.2
2.5
±0.2
1.3
±0.1
0.5
±0.1
1.5
±0.1
E I A J
C O D E
M A R K I N G
in mm
(1) : Input
(2) : Ground
(3) : Output
SFELB10M7JA00-B0
(1)
(2)
(3)
7.5
±2.0
2.5
±0.2
2.5
±0.2
1.3
±0.1
0.5
±0.1
1.5
±0.1
E I A J
C O D E
M A R K I N G
in mm
(1) : Input
(2) : Ground
(3) : Output
SFELB10M7HA00-B0
(1)
(2)
(3)
7.5
±2.0
2.5
±0.2
2.5
±0.2
1.3
±0.1
0.5
±0.1
1.5
±0.1
E I A J
C O D E
M A R K I N G
in mm
(1) : Input
(2) : Ground
(3) : Output
SFELB10M7GA00-B0
(1)
(2)
(3)
7.5
±2.0
2.5
±0.2
2.5
±0.2
1.3
±0.1
0.5
±0.1
1.5
±0.1
E I A J
C O D E
M A R K I N G
in mm
(1) : Input
(2) : Ground
(3) : Output
SFELB10M7FA00-B0
Part Number
Center Frequency (fo)
(MHz)
3dB Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Spurious Attenuation
(dB)
SFELB10M7KA00-B0
10.700
±30kHz
within110
±30kHz
350 max.
within7.0
±2.0dB
30 min.
SFELB10M7JA00-B0
10.700
±30kHz
within150
±40kHz
360 max.
within4.5
±2.0dB
35 min.
SFELB10M7HA00-B0
10.700
±30kHz
within180
±40kHz
470 max.
within3.5
±2.0dB
35 min.
SFELB10M7GA00-B0
10.700
±30kHz
within230
±50kHz
570 max.
within3.0
±2.0dB
40 min.
SFELB10M7FA00-B0
10.700
±30kHz
within280
±50kHz
650 max.
within3.0
±2.0dB
30 min.
Area of Attenuation : [within 20dB]
Area of Spurious Attenuation : [within 9MHz to 12MHz]
Center frequency(fo) defined by the center of 3dB bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com