Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECS10M7FA00-R0 Datasheet(PDF) 37 Page - Murata Manufacturing Co., Ltd.

Part # SFECS10M7FA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECS10M7FA00-R0 Datasheet(HTML) 37 Page - Murata Manufacturing Co., Ltd.

Back Button SFECS10M7FA00-R0 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
Lead Type CERAFILr Test Circuit and Characteristics Data
36
10
s Test Circuit
(1)
(2)
(3)
C
S.S.G
RF
Rg
R1
R2
Rg + R1 = R2 = 330
Ω
C = 10pF (Including stray capacitance and input
capacitance of RF voltmeter.)
Voltmeter
(1) : Input
(2) : Output
(3) :Ground
s Temperature Characteristics
Y20
Y40
Y20
0
W20
W40
0
W20
Temperature (˚C)
W40
W60
W80
Center frequency
Y20
Y2
Y1
0
W1
W2
0
W20
Temperature (˚C)
W40
W60
W80
Insertion loss
Y20
Y40
Y20
0
W20
W40
0
W20
Temperature (˚C)
W40
W60
W80
3dB Band width
SFELA10M7GA00-B0
Y20
Y40
Y20
0
W20
W40
0
W20
W40
W60
W80
Y20
Y2
Y1
0
W1
W2
0
W20
W40
W60
W80
Y20
Y40
Y20
0
W20
W40
0
W20
W40
W60
W80
Temperature (˚C)
Center frequency
Temperature (˚C)
Insertion loss
Temperature (˚C)
3dB Band width
SFELA10M7HA00-B0
s Matching Conditions
•When using ceramic filters, it is most important to
match the input/output load to impedance 330 ohm
(only SFELA10M7DF00-B0 is 470 ohm matching).
Waveform symmetry is damaged when reactance
is added to the input/output load.
•Two ceramic filters directly connected can be used
for high selelctivity. For reducing waveform
variation, it is recommended to input a buffer AMP
between ceramic filters.
•The SFELA10M7 and SFTLA10M7 series are of
input/output symmetric structure so that in theory
there is no input/output directionality. Actual
circuits may use different input/output loading
conditions (for example, mismatched impedance) or
capacitance load. In such cases, the waveform will
be a little changed by the direction of the
input/output of the ceramic filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com