Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECS10M7FA00-R0 Datasheet(PDF) 26 Page - Murata Manufacturing Co., Ltd.

Part # SFECS10M7FA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECS10M7FA00-R0 Datasheet(HTML) 26 Page - Murata Manufacturing Co., Ltd.

Back Button SFECS10M7FA00-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
25
8
Ceramic Filters (CERAFILr) for FM Receivers
CERAFILr Narrow Band Type
SFELA10M7LFTA/KAH0, SFVLA/SFKLA series realizes
narrower band characteristics not obtained by
conventional ceramic filters. Besides, low spurious
and temperature characteristics is stable. This series
suits for European car-audio or AM up conversion use
that needs narrow band characteristics.
(1)
(2)
(3)
10.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
in mm
SFKLA10M7NF00-B0
M A R K I N G
7 . 0
±2.0
2.5
±0.2
0 . 5
±0.1
1 . 4
±0.1
1 . 6 5
±0.1
2.5
±0.2
( 3 )
( 2 )
( 1 )
E I A J
C O D E
in mm
(1) : Input
(2) : Ground
(3) : Output
SFVLA10M7MF00-B0
M A R K I N G
7 . 0
±2.0
2.5
±0.2
0 . 5
±0.1
1 . 4
±0.1
1 . 6 5
±0.1
2.5
±0.2
( 3 )
( 2 )
( 1 )
E I A J
C O D E
in mm
(1) : Input
(2) : Ground
(3) : Output
SFVLA10M7LF00-B0
0.5
± 0.1
2.5
± 0.2
2.5
± 0.2
(1) Input
(2) Ground
(3) Output
1.7
± 0.1
1.38
± 0.2
7.0
± 2.0
MARKING
EIAJ
CODE
(3)
(2)
(1)
(in mm)
SFELA10M7LFTA01-B0
(1)
(2)
(3)
7.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELA10M7KAH0-B0
Part Number
Center Frequency (fo)
(MHz)
Nominal
Center Frequency(fn)
(MHz)
3dB Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Spurious Attenuation
(dB)
SFKLA10M7NF00-B0
10.700
±15kHz
-
20 min.
95 max.
6.0 max.
24 min.
SFVLA10M7MF00-B0
-
10.700
fn
±13 min.
135 max.
within5.5
±2.5dB
30 min.
SFVLA10M7LF00-B0
-
10.700
fn
±25 min.
200 max.
within5.5
±2.5dB
30 min.
SFELA10M7LFTA-B0
-
10.700
fn
±25 min.
280 max.
within7.0
±2.0dB
30 min.
SFELA10M7KAH0-B0
10.700
±30kHz
-
within110
±30kHz
350 max.
within7.0
±2.0dB
30 min.
Area of Attenuation : [within 20dB]
Area of Spurious Attenuation : [within 9MHz to 12MHz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com