Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECS10M7FA00-R0 Datasheet(PDF) 21 Page - Murata Manufacturing Co., Ltd.

Part # SFECS10M7FA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECS10M7FA00-R0 Datasheet(HTML) 21 Page - Murata Manufacturing Co., Ltd.

Back Button SFECS10M7FA00-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. SFECS10M7FA00-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
20
6
Ceramic Filters (CERAFILr) for FM Receivers
CERAFILr Lower Spurious Response Type
SFELA10M7 series for FM-receivers are monolithic type
ceramic filters which use the energy trapped thickness
vibration-mode of the piezoelectric ceramic.
s Features
1. This type has lower spurious response compared to
the standard filters.
2. This types are suitable for higher spurious
suppression radio.
(1)
(2)
(3)
7.5
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
MARKING
EIAJ
CODE
SFELA10M7KAB0-B0
(1)
(2)
(3)
7.5
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
MARKING
EIAJ
CODE
SFELA10M7JAB0-B0
(1)
(2)
(3)
7.5
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
MARKING
EIAJ
CODE
SFELA10M7HAB0-B0
(1)
(2)
(3)
7.5
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
MARKING
EIAJ
CODE
SFELA10M7GAB0-B0
(1)
(2)
(3)
7.5
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
MARKING
EIAJ
CODE
SFELA10M7FAB0-B0
Part Number
Center Frequency (fo)
(MHz)
3dB Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Spurious Attenuation
(dB)
SFELA10M7KAB0-B0
10.700
±30kHz
within110
±30kHz
350 max.
7.0
±2.0dB
45 min.
SFELA10M7JAB0-B0
10.700
±30kHz
within150
±40kHz
380 max.
5.5
±2.0dB
45 min.
SFELA10M7HAB0-B0
10.700
±30kHz
within180
±40kHz
520 max.
5.0
±2.0dB
45 min.
SFELA10M7GAB0-B0
10.700
±30kHz
within230
±50kHz
570 max.
3.0
±2.0dB
45 min.
SFELA10M7FAB0-B0
10.700
±30kHz
within280
±50kHz
650 max.
3.0
±2.0dB
45 min.
Area of Attenuation : [within 20dB]
Area of Spurious Attenuation : [within 9MHz to 12MHz]
Center frequency(fo) defined by the center of 3dB bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com