Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP393N Datasheet(PDF) 4 Page - Anachip Corp

Part # AP393N
Description  Low Power Low Offset Voltage Dual Comparators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP393N Datasheet(HTML) 4 Page - Anachip Corp

  AP393N Datasheet HTML 1Page - Anachip Corp AP393N Datasheet HTML 2Page - Anachip Corp AP393N Datasheet HTML 3Page - Anachip Corp AP393N Datasheet HTML 4Page - Anachip Corp AP393N Datasheet HTML 5Page - Anachip Corp AP393N Datasheet HTML 6Page - Anachip Corp AP393N Datasheet HTML 7Page - Anachip Corp AP393N Datasheet HTML 8Page - Anachip Corp AP393N Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP393
Low Power Low Offset Voltage Dual Comparators
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Sep 7, 2004
4/13
Note 1: For operating at high temperatures, the AP393 must be derated based on a 125°C maximum junction temperature and a
thermal resistance of 170°C/W which applies for the device soldered in a printed circuit board, operating in a still air ambient.
The AP393 must be derated based on a 150°C maximum junction temperature. The low bias dissipation and the “ON-OFF”
characteristic of the outputs keeps the chip dissipation very small (PD <100 mW), provided the output transistors are allowed
to saturate.
Note 2: Short circuits from the output to V
+ can cause excessive heating and eventual destruction. When considering short circuits to
ground, the maximum output current is approximately 20 mA independent of the magnitude of V
+.
Note 3: This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base
junction of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this
diode action, there is also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output
voltages of the comparators to go to the V
+ voltage level (or to ground for a large overdrive) for the time duration that an input
is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which is negative,
again returns to a value greater than -0.3V.
Note 4: The AP393 temperature specifications are limited to 0°C < TA < +70°C.
Note 5: The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent
of the state of the output so no loading change exists on the reference or input lines.
Note 6: The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The
upper end of the common-mode voltage range is V
+-1.5V at 25°C, but either or both inputs can go to 36V without damage,
independent of the magnitude of V
+.
Note 7: The response time specified is for a 100 mV input step with 5 mV overdrive. For larger overdrive signals 300 ns can be
obtained, see typical performance characteristics section.
Note 8: Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the
common-mode range, the comparator will provide a proper output state. The low input voltage state must not be less than
-0.3V (or 0.3V below the magnitude of the negative power supply, if used).
Note 9: At output switch point, VO ~ 1.4V, RS=0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+-1.5V),
at 25°C.
Note 10: Refer to RETS193AX for AP393 military specifications.
Typical Circuit (V
CC =5.0VDC)
V
O
3.0K
V+
+V
IN
+V
REF
Basic Comparator
+
-
AP393
Driving CMOS
+
-
+5.0V
DC
100K
AP393
1/4 MM54CXX
Driving TTL
+
-
AP393
1/4 DM54XX
+5V
DC
10K
+
-
V
O
100K
100K
100K
100K
75 pF
4.3K
V+
V+
V+
Squarewave Oscillator
1:100kHz
1/2 AP393
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com