Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP393N Datasheet(PDF) 2 Page - Anachip Corp

Part # AP393N
Description  Low Power Low Offset Voltage Dual Comparators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP393N Datasheet(HTML) 2 Page - Anachip Corp

  AP393N Datasheet HTML 1Page - Anachip Corp AP393N Datasheet HTML 2Page - Anachip Corp AP393N Datasheet HTML 3Page - Anachip Corp AP393N Datasheet HTML 4Page - Anachip Corp AP393N Datasheet HTML 5Page - Anachip Corp AP393N Datasheet HTML 6Page - Anachip Corp AP393N Datasheet HTML 7Page - Anachip Corp AP393N Datasheet HTML 8Page - Anachip Corp AP393N Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP393
Low Power Low Offset Voltage Dual Comparators
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Sep 7, 2004
2/13
Ordering Information
AP393 X X
Package
Packing
N: PDIP-8L
S: SOP-8L
Blank: Tube
A : Taping
Block Diagram
INVERTING INPUT 1
GND
NON-INVERTING INPUT 1
OUTPUT 2
OUTPUT 1
INVERTING INPUT 2
NON-INVERTING INPUT 2
1
2
3
4
5
6
7
8
AB
+
-+
-
V +
V+
100µA
3.5µA
100µA
3.5µA
+INPUT
-INPUT
OUTPUT
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com