Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP393N Datasheet(PDF) 7 Page - Anachip Corp

Part # AP393N
Description  Low Power Low Offset Voltage Dual Comparators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP393N Datasheet(HTML) 7 Page - Anachip Corp

Back Button AP393N Datasheet HTML 3Page - Anachip Corp AP393N Datasheet HTML 4Page - Anachip Corp AP393N Datasheet HTML 5Page - Anachip Corp AP393N Datasheet HTML 6Page - Anachip Corp AP393N Datasheet HTML 7Page - Anachip Corp AP393N Datasheet HTML 8Page - Anachip Corp AP393N Datasheet HTML 9Page - Anachip Corp AP393N Datasheet HTML 10Page - Anachip Corp AP393N Datasheet HTML 11Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AP393
Low Power Low Offset Voltage Dual Comparators
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Sep 7, 2004
7/13
Typical Circuit (Continued) (V
CC =5.0VDC)
5.1K
Comparing Input Voltages of
Opposite Polarity
+
-
2N2222
100K
100K
+V
IN1
-V
IN2
1/2 AP393
ORing the Outputs
+
-
+
-
3.0K
V
O
V+
1/2 AP393
1/2 AP393
Zero Crossing Detector
(Single Power Supply)
5.1K
V+
+
-
V
O
100K
100K
5.1K
5.1K
1N914
V
IN
10K
20M
1/2 AP393
One-Shot Multivibrator
10K
V+
+
-
V
O
1N914
1M
1N914
100pF
0.001µF
1M
1M
+
0
t
0
PW
t
0
t
1
0
V+
1ms
1/2 AP393
Bi-Stable Multivibrator
15K
V+
+
-
V
O
100K
S
100K
100K
51K
R
V+
0
V+
0
+15V
0
S
R
1/2 AP393



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com