Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP393N Datasheet(PDF) 3 Page - Anachip Corp

Part # AP393N
Description  Low Power Low Offset Voltage Dual Comparators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP393N Datasheet(HTML) 3 Page - Anachip Corp

  AP393N Datasheet HTML 1Page - Anachip Corp AP393N Datasheet HTML 2Page - Anachip Corp AP393N Datasheet HTML 3Page - Anachip Corp AP393N Datasheet HTML 4Page - Anachip Corp AP393N Datasheet HTML 5Page - Anachip Corp AP393N Datasheet HTML 6Page - Anachip Corp AP393N Datasheet HTML 7Page - Anachip Corp AP393N Datasheet HTML 8Page - Anachip Corp AP393N Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AP393
Low Power Low Offset Voltage Dual Comparators
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Sep 7, 2004
3/13
Absolute Maximum Ratings (Note 10)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
36
V
VIN
Differential Input Voltage (Note 8)
36
V
VIN
Input Voltage
-0.3 to +36
V
ICC
Input Current (VIN-0.3V) (Note 3)
50
mA
Molded DIP
780
Metal Can
660
PD
Power Dissipation (Note 1)
Small Outline Package
510
mW
Output Short-Circuit to Ground (Note 2)
Continuous
TOP
Operating Temperature Range
0 to +70
oC
TST
Storage Temperature Range
-65 to +150
oC
TLead
Lead Temperature Range (Soldering, 10 sec)
+260
oC
PDIP Soldering (10 sec)
+260
Vapor Phase (60 sec)
+215
Soldering Information
SOP
Infrared (15 sec)
+220
oC
ESD rating (1.5kΩ in with 100pF)
1300
V
Electrical Characteristics (V
CC=5V, TA=25
oC, unless otherwise stated)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VOFFSET Input Offset Voltage
(Note 9)
-
1.0
5.0
mV
IBIAS
Input Bias Current
IIN(+) or IIN(-) with Output In
Linear Range, VCM=0V (Note 5)
-
25
250
nA
IOFFSET Input Offset Current
IIN(+) - IIN(-) VCM=0V
-
5.0
50
nA
Input Common Mode Voltage Range V
+ =30V (Note 6)
0
-
V
+ -1.5
V
V
+ =5V
-
0.4
1
ICC
Supply Current
RL=∞
V
+ =36V
-
1
2.5
mA
Voltage Gain
RL > 15kΩ, V
+ =15V
VO=1V to 11V
50
200
-
V/mV
Large Signal Response Time
VIN=TTL Logic Swing,
VREF=1.4V, VRL=5V, RL=5.1kΩ
-
300
-
ns
Response Time
VRL=5V, RL=5.1kΩ (Note 7)
-
1.3
-
µs
IO(Sink) Output Sink Current
VIN(-)=1V, VIN(+)=0, VO <1.5V
6.0
16
-
mA
VSAT
Saturation Voltage
VIN(-)=1V, VIN(+)=0, ISINK <
4mA
-
250
400
mV
IO(Leak) Output Leakage Current
VIN(-)=0, VIN(+)=1V, VO=5V
-
0.1
-
nA
Electrical Characteristics (V
CC=5V) (Note 4)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VOFFSET Input Offset Voltage
(Note 9)
-
-
9
mV
IOFFSET Input Offset Current
IIN(+) -IIN(-), VCM=0V
-
-
150
nA
IBIAS
Input Bias Current
IIN(+) or IIN(-) with Output In
Linear Range, VCM=0V (Note 5)
-
-
400
nA
Input Common Mode Voltage Range V
+ =30V (Note 6)
0
-
V
+ -2.0
V
VSAT
Saturation Voltage
VIN(-)=1V, VIN(+)=0, ISINK <
4mA
-
-
700
mV
IO(Leak) Output Leakage Current
VIN(-)=0, VIN(+)=1V, VO=30V
-
-
1.0
µA
Differential Input Voltage
Keep All VIN’s > 0V (or V
-, if
Used), (Note 8)
-
-
36
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com