Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM8564 Datasheet(PDF) 4 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM8564
Description  OPERATION INSTRUCTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM8564 Datasheet(HTML) 4 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM8564 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
www.corebai.com
CBM8561-CBM8562-CBM8564
OPERATION INSTRUCTION
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125℃.
(At TA = +25℃, Vs=5V, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.)
PARAMETER
CONDITION
CBM8561, CBM8562,
CBM8564
UNIT
MIN
TYP
MAX
OFFSET VOLTAGE
Input Offset Voltage
Vos
VS Temperature
dVos/dT
VS Power Supply
PSRR
Channel Separation, dc
VCM = Vs/2
VS = +2.9V to +5.5V, VCM = 0
110
±3
0.1
120
0.1
±20
0.4
μV
μV/℃
dB
μV/V
INPUT BIAS CURRENT
Input Bias Current
IB
Input Offset Current
Ios
VCM = Vs/2
100
10
pA
pA
NOISE PERFORMANCE
Input Voltage Noise
enp-p
Input Voltage Noise
enp-p
Input Voltage Noise Density
en
Input Current Noise Density
in
f=0.01Hz to 10Hz
f=0.01Hz to 1Hz
f=1KHz
f=10Hz
0.48
0.15
32
1.5
μVpp
uVpp
nV/
√Hz
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
Common-Mode Rejection Ratio
CMRR
(V–) – 0.1V < VCM < (V+)+ 0.1V
(V-)-0.1
100
120
(V+)+0.1
V
dB
INPUT CAPACITANCE
Differential
Common-Mode
5
5
pF
pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL=10KΩ, VO=0.3V to 4.7V, -40℃~125℃
100
120
dB
DYNAMIC PERFORMANCE
Slew Rate
SR
Gain-Bandwidth Product
GBW
Overload Recovery Time
G=+1
8.5
11
0.4
V/μs
MHz
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com