Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM8564 Datasheet(PDF) 11 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM8564
Description  OPERATION INSTRUCTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM8564 Datasheet(HTML) 11 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Back Button CBM8564 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 10Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 11Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 12Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 13Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 14Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 15Page - COREBAI Microelectronics (Beijing) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
www.corebai.com
CBM8561-CBM8562-CBM8564
OPERATION INSTRUCTION
TSSOP-14
Symbol
Dimensions In Millimeters
Dimensions Inches
Min
Max
Min
Max
A
1.200
0.047
A1
0.050
0.150
0.002
0.006
A2
0.800
1.050
0.031
0.041
b
0.190
0.300
0.007
0.012
c
0.090
0.200
0.004
0.008
D
4.860
5.100
0.191
0.201
E
4.300
4.500
0.169
0.177
E1
6.250
6.550
0.246
0.258
e
0.650 BSC
0.026 BSC
L
0.500
0.700
0.020
0.028
H
0.25 TYP
0.01 TYP
θ
1°
7°
1°
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com