Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM8564 Datasheet(PDF) 1 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM8564
Description  OPERATION INSTRUCTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM8564 Datasheet(HTML) 1 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM8564 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
www.corebai.com
CBM8561-CBM8562-CBM8564
OPERATION INSTRUCTION
Features
Low Offset Voltage: 20uV(MAX)
Input Offset Drift: 0.1μV/°C
High Gain Bandwidth Product: 11MHz
Rail-to-Rail Input and Output
High Gain, CMRR, PSRR:120dB(TYP)
High Slew Rate: 8.5V/μs
Low Noise:0.48uVp-p(0.1~10Hz)
Low Power Consumption: 1.3mA/op amp
Overload Recovery Time:0.4us
Low Supply Voltage: +2.9 V to +5.5 V
No External Capacitors Required
Extended Temperature: -40°C to +125°C
Application
Temperature Sensors
Medical/Industrial Instrumentation
Pressure Sensors
Battery-Powered Instrumentation
Active Filtering
Weight Scale Sensor
Strain Gage Amplifiers
Power Converter/Inverter
Description
The CBM8561, CBM8562, CBM8564, (dual version &shutdown) series of CMOS operational
amplifiers use auto-zero techniques to simultaneously provide very low offset voltage (20μV max)
and near-zero drift over time and temperature. This family of amplifiers has ultralow noise, offset
and power.
This miniature, high-precision operational amplifiers offset high input impedance and
rail-to-rail input and rail-to-rail output swing. With high gain-bandwidth product of 11MHz and
slew rate of 8.5V/μs.
Single or dual supplies as low as +2.9V (±1.45V) and up to +5.5V (±2.75V) may be used.
The CBM8561/CBM8562/CBM8564 (dual version with shutdown) are specified for the
extended industrial and automotive temperature range (-40°C to 125°C). The CBM8561 single
amplifier is available in 5-lead SOT23, 8-lead MSOP8 and 8-lead SOIC packages, The CBM8562
dual amplifier is available in 8-lead SOIC and 8-lead MSOP narrow surface mount packages, The
The CBM8564 quad is available in 14-lead SOIC and 14-lead narrow TSSOP packages.


Similar Part No. - CBM8564

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBM8511 COREBAI-CBM8511 Datasheet
1Mb / 17P
OPERATION INSTRUCTION
CBM8511AMS8 COREBAI-CBM8511AMS8 Datasheet
1Mb / 17P
OPERATION INSTRUCTION
CBM8511AS8 COREBAI-CBM8511AS8 Datasheet
1Mb / 17P
OPERATION INSTRUCTION
CBM8511AST5 COREBAI-CBM8511AST5 Datasheet
1Mb / 17P
OPERATION INSTRUCTION
CBM8512 COREBAI-CBM8512 Datasheet
1Mb / 17P
OPERATION INSTRUCTION
More results

Similar Description - CBM8564

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBM232 COREBAI-CBM232 Datasheet
839Kb / 9P
OPERATION INSTRUCTION
CBM2003A COREBAI-CBM2003A Datasheet
1Mb / 11P
OPERATION INSTRUCTION
CBM2576-XX COREBAI-CBM2576-XX Datasheet
1Mb / 16P
OPERATION INSTRUCTION
CBM2904 COREBAI-CBM2904 Datasheet
803Kb / 7P
OPERATION INSTRUCTION
CBM3232AS COREBAI-CBM3232AS Datasheet
986Kb / 13P
OPERATION INSTRUCTION
CBM3485A COREBAI-CBM3485A Datasheet
903Kb / 11P
OPERATION INSTRUCTION
CBM8031 COREBAI-CBM8031 Datasheet
1Mb / 12P
OPERATION INSTRUCTION
CBM8511 COREBAI-CBM8511 Datasheet
1Mb / 17P
OPERATION INSTRUCTION
CBM8538 COREBAI-CBM8538 Datasheet
1Mb / 12P
OPERATION INSTRUCTION
CBM8551 COREBAI-CBM8551 Datasheet
1Mb / 16P
OPERATION INSTRUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com