Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM8564 Datasheet(PDF) 2 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM8564
Description  OPERATION INSTRUCTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM8564 Datasheet(HTML) 2 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM8564 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8564 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
www.corebai.com
CBM8561-CBM8562-CBM8564
OPERATION INSTRUCTION
PIN CONFIGURATIONS
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage, V+ to V-....................................................7.0V
Input Terminals, Voltage (2) …………... – 0.5 to (V+) + 0.5V
Current (2)……………...………....…..... ±10mA
Storage Temperature ……….…………..… −65°C to +150℃
Operating Temperature ……….……..…… −40°C to +125℃
Junction Temperature........................................................150℃
Package Thermal Resistance @ TA= +25℃
SOT23-5, SOT23-6………………….…………….…………200℃/W
MSOP-8, SOIC-8 …………………….…………………... 150℃/W
SOIC-14, TSSOP-14………….……….…………………….100℃/W
Lead Temperature (Soldering, 10s) …….......260℃
ESD Susceptibility
HBM …...................................................................................5000V
MM ……………………….........………………....................……….400V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com