Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378EGF Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP3378EGF
Description  4-Channel WLED Controller with High-Efficiency Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378EGF Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP3378EGF Datasheet HTML 15Page - Monolithic Power Systems MP3378EGF Datasheet HTML 16Page - Monolithic Power Systems MP3378EGF Datasheet HTML 17Page - Monolithic Power Systems MP3378EGF Datasheet HTML 18Page - Monolithic Power Systems MP3378EGF Datasheet HTML 19Page - Monolithic Power Systems MP3378EGF Datasheet HTML 20Page - Monolithic Power Systems MP3378EGF Datasheet HTML 21Page - Monolithic Power Systems MP3378EGF Datasheet HTML 22Page - Monolithic Power Systems MP3378EGF Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
MP3378E
– 4-CHANNEL WLED CONTROLLER WITH BUCK CONVERTER
MP3378E Rev. 1.02
www.MonolithicPower.com
20
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Under light-load conditions below 100mA, a
larger inductance is recommended for improved
efficiency.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, and therefore a capacitor is
required to supply the AC current to the step-
down converter while maintaining the DC input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors with X5R or
X7R
dielectrics
are
highly
recommended
because of their low ESR and small temperature
coefficients. For most applications, a 22µF
capacitor is sufficient.
Since the input capacitor (C4) absorbs the input
switching current, it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated by Equation (16):
OUT2
OUT2
C4
LOAD2
IN2
IN2
VV
I
I
1
VV





(16)
The worse-case condition occurs at VIN2 = 2VOUT2,
shown in Equation (17):
LOAD2
C4
I
I
2
(17)
For simplification, choose an input capacitor with
an RMS current rating greater than half of the
maximum load current.
The input capacitor can be electrolytic, tantalum,
or
ceramic.
When
electrolytic
or
tantalum
capacitors are used, a small, high-quality ceramic
capacitor (
i.e. 0.1μF) should be placed as close
to the IC as possible. When using ceramic
capacitors, make sure that they have enough
capacitance to provide
a sufficient
enough
charge to prevent excessive voltage ripple at the
input.
The
input
voltage
ripple
caused
by
capacitance can be estimated with Equation (18):
LOAD2
OUT2
OUT2
IN2
SW2
IN2
IN2
I
V
V
ΔV
(1
)
F
C4
V
V
 
(18)
Selecting the Output Capacitor
The output capacitor C5 is required to maintain
the DC output voltage. Ceramic, tantalum, or low
ESR electrolytic capacitors are recommended.
Low ESR capacitors are preferred to keep the
output voltage ripple low. The output voltage
ripple can be estimated with Equation (19):
OUT2
OUT2
OUT2
ESR
SW2
IN2
SW2
VV
1
ΔV
(1
) (R
)
F
L2
V
8 F
C5
 
(19)
Where L2 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
When using ceramic capacitors, the impedance
at the switching frequency is dominated by the
capacitance, which mainly causes the output
voltage ripple. For simplification, the output
voltage ripple can be estimated with Equation
(20):
OUT2
OUT2
OUT2
2
SW2
IN2
VV
ΔV
(1
)
8 F
L2 C5
V
 
(20)
When using tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the output
ripple can be approximated with Equation (21):
OUT2
OUT2
OUT2
ESR
SW2
IN2
VV
ΔV
(1
) R
F
L2
V
 
(21)
The characteristics of the output capacitor affect
the stability of the regulation system.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency
of
the
regulator.
The
applicable
conditions of the external BST diode are:
VOUT2 is 5V or 3.3V;
duty cycle is high: D=
IN2
OUT2
V
V
>65%
In these cases, an external BST diode from
VCC2 to BST is recommended (see Figure 6).
The recommended external BST diode is IN4148,
and the BST cap is 0.1─1μF.
+
VCC2
SW
BST
MP3378E
CBST
0.1-1
μF
RBST
L2
COUT
External BST Diode
1N4148
Figure 6: Add Optional External Bootstrap Diode
to Enhance Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com