Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378EGF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3378EGF
Description  4-Channel WLED Controller with High-Efficiency Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378EGF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3378EGF Datasheet HTML 1Page - Monolithic Power Systems MP3378EGF Datasheet HTML 2Page - Monolithic Power Systems MP3378EGF Datasheet HTML 3Page - Monolithic Power Systems MP3378EGF Datasheet HTML 4Page - Monolithic Power Systems MP3378EGF Datasheet HTML 5Page - Monolithic Power Systems MP3378EGF Datasheet HTML 6Page - Monolithic Power Systems MP3378EGF Datasheet HTML 7Page - Monolithic Power Systems MP3378EGF Datasheet HTML 8Page - Monolithic Power Systems MP3378EGF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MP3378E
– 4-CHANNEL WLED CONTROLLER WITH BUCK CONVERTER
MP3378E Rev. 1.02
www.MonolithicPower.com
4
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS
(1)
WLED Controller
VIN1 .............................................. -0.3V to +28V
VLED1 to VLED4 .................................. -1V to +55V
VGATE, VCC1, VISENSE ..................... -0.3V to +6.5V
All other pins..............................
–0.3V to VCC1
Buck Converter
VIN2, VSW ....................................... –0.3V to 28V
VBST ...................................................... VSW+6V
All other pins...................................
–0.3V to 6V
Continuous power dissipation (TA = 25°C)
(2)
TSSOP-28 EP ...........................................3.9W
Junction Temperature .............................. 150°C
Lead Temperature ................................... 260°C
Recommended Operating Conditions
(3)
Supply voltage (VIN1, VIN2) .................. 5V to 24V
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSSOP-28 EP……………......….32........6....°C/W
NOTES:
1) Exceeding these ratings may damage the device. The voltage
is measured with a 20MHz bandwidth limited oscilloscope.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com