Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378EGF Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP3378EGF
Description  4-Channel WLED Controller with High-Efficiency Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378EGF Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP3378EGF Datasheet HTML 15Page - Monolithic Power Systems MP3378EGF Datasheet HTML 16Page - Monolithic Power Systems MP3378EGF Datasheet HTML 17Page - Monolithic Power Systems MP3378EGF Datasheet HTML 18Page - Monolithic Power Systems MP3378EGF Datasheet HTML 19Page - Monolithic Power Systems MP3378EGF Datasheet HTML 20Page - Monolithic Power Systems MP3378EGF Datasheet HTML 21Page - Monolithic Power Systems MP3378EGF Datasheet HTML 22Page - Monolithic Power Systems MP3378EGF Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
MP3378E
– 4-CHANNEL WLED CONTROLLER WITH BUCK CONVERTER
MP3378E Rev. 1.02
www.MonolithicPower.com
21
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout is critical for achieving stable
operation. If the layout is not done carefully, the
regulator can show poor line or load regulation.
For best results, refer to Figure 7 and Figure 8
and follow the guidelines below:
For the WLED converter (see Figure 7):
1. Keep the loop from the external MOSFET
(M1), the output diode (D1), and the
output capacitors (C2, C3) as small and
short as possible to reduce EMI noise.
2. Separate the power ground and signal
ground.
3. Connect PGND and GND.
NOTE: All logic signals refer to the signal ground.
For the buck converter (see Figure 8):
1. Keep the connection of input ground and
GND2 (PGND) as short and wide as
possible.
2. Keep
the
connection
of
the
input
capacitors (C16, C16A, C17) and VIN2 as
short and wide as possible.
3. Ensure that all feedback connections are
short and direct.
4. Place
the
feedback
resistors
and
compensation components as close to
the chip as possible.
5. Route SW away from sensitive analog
areas, such as FB.
6. Connect
a resistor (R23) to AGND, as
SYNC is sensitive to noise. Otherwise,
the SCP may fail, and the buck converter
may be damaged.
7. Connect GND1 and GND2 together by a
single point.
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VIN2
SW
GND2
GND2
AGND
BST
SYNC
ISENSE
GATE
VIN1
VCC1
COMP
EN1
PWM
VLED
VIN1
GND1
L1
D1
C2
C3
R6
M1
Figure 7: Recommended Boost Driver Layout
SYNC
7
8
LED2
LED1
9
10
11
12
13
14
OVP
NC
NC
FB
EN2
VCC2
22
21
20
19
18
17
16
15
VIN2
SW
GND2
GND2
BST
ISENSE
C16
C17
GND2
VIN2
SW
C16A
R23
C21
C21B
C21A
R31
R27
R26
C18
VOUT
GND2
AGND
Figure 8: Recommended Buck Converter Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com