Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378EGF Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3378EGF
Description  4-Channel WLED Controller with High-Efficiency Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378EGF Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3378EGF Datasheet HTML 8Page - Monolithic Power Systems MP3378EGF Datasheet HTML 9Page - Monolithic Power Systems MP3378EGF Datasheet HTML 10Page - Monolithic Power Systems MP3378EGF Datasheet HTML 11Page - Monolithic Power Systems MP3378EGF Datasheet HTML 12Page - Monolithic Power Systems MP3378EGF Datasheet HTML 13Page - Monolithic Power Systems MP3378EGF Datasheet HTML 14Page - Monolithic Power Systems MP3378EGF Datasheet HTML 15Page - Monolithic Power Systems MP3378EGF Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MP3378E
– 4-CHANNEL WLED CONTROLLER WITH BUCK CONVERTER
MP3378E Rev. 1.02
www.MonolithicPower.com
12
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BLOCK DIAGRAM
Control
Logic
+
-
Current Sense
Amplifier
+
-
PWM
Comparator
Oscillator
+
-
1.23V
OV
Comparator
+
-
+
-
LED1-4
1
1.225V
Max
Min
Feedback
Control
6.3V
EA
Short-String
Protection
Regulator
OVP
ISENSE
GND1
VIN1
VCC1
PWM
ADIM
ISET
COMP
OSC
EN1
WLED
Enable
Ref
GATE
Current Control
100 ns
Blanking
ILIMIT
UP_ CLAMP
PWM
STOP
200ns
Blank Time
VIN2
VCC2
SYNC
EN2
FB
BST
SW
GND2
RSEN
LDO
On-Time
Control Logic
Current Limit
Comparator
VCC
Regulator
Rference
Error Amplifier
HS
Driver
LS
Driver
VCC2
1pF
50pF
400k
AGND
OSC
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com