Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR91B565JB Datasheet(PDF) 76 Page - Kemet Corporation

Part # CSR91B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565JB Datasheet(HTML) 76 Page - Kemet Corporation

Back Button CSR91B565JB Datasheet HTML 72Page - Kemet Corporation CSR91B565JB Datasheet HTML 73Page - Kemet Corporation CSR91B565JB Datasheet HTML 74Page - Kemet Corporation CSR91B565JB Datasheet HTML 75Page - Kemet Corporation CSR91B565JB Datasheet HTML 76Page - Kemet Corporation CSR91B565JB Datasheet HTML 77Page - Kemet Corporation CSR91B565JB Datasheet HTML 78Page - Kemet Corporation CSR91B565JB Datasheet HTML 79Page - Kemet Corporation CSR91B565JB Datasheet HTML 80Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
Capacitance typically changes with temperature
according to the curve of Figure 2.
6. DISSIPATION FACTOR (DF)
DF is measured at 120 Hz and 25° C with up to 1 volt
rms applied. Note that, in either operation, peak AC plus
DC bias must not exceed either rated voltage (normally
polarized) or 15% of rated voltage in the reverse direction
at 25°C. Measurement circuits are of high impedance,
however, and under these conditions 1 volt rms may be
applied even to 6 volt capacitors (23% peak reversal) with-
out a DC bias. DC bias is thus normally not used, except
when rated voltage is below 6 volts and the AC signal level
exceeds 0.3 vrms. However, MIL-C-39003 provides for up
to 2.2 volts DC.
Dissipation Factor (DF) is a useful low-frequency
measure of the resistive component in capacitors. It is the
ratio of the unavoidable resistance to the capacitive reac-
tance, usually expressed in percent. DF increases with
temperature above +25° C and may also increase at lower
temperatures. Unfortunately, one general limit for DF can-
not be specified for all capacitance/voltage combinations,
nor can response to temperature be simply stated.
Catalogs for the respective series list DF limits under var-
ious conditions.
Dissipation factor increases with increasing frequen-
cy as would be expected from the decreasing capacitive
reactance. DF is not a very useful parameter above about
1 kHz. The DF of larger capacitance values increases
more rapidly than that of smaller ratings. Figure 3 shows
typical effect of frequency on DF.
DC bias causes a small reduction in capacitance, up
to about 2% when full rated voltage is applied, as bias. DF
is also reduced by the presence of DC bias. Rated voltage
may cause a decrease in DF of about 0.2% (e.g., a
decrease from 3.6 to 3.4% DF).
DF is defined as
and is also referred to occa-
sionally, as tan d or “loss tangent.” The “Quality
Factor,” Q, is the reciprocal of DF (DF is not expressed in
percent in this calculation). Another expression, rarely
used, is the “power factor,” or
.
Power factor is cos u,
while DF is ctn u.
7. DC LEAKAGE (DCL)
DC leakage is affected by voltage to a much larger
extent, and this effect can frequently be used to advantage
in circuits where only very low leakage currents can be tol-
erated. Typical response of DCL to applied voltage is illus-
trated in Figure 4.
DC leakage current (DCL) increases with increasing
temperature according to the typical curve of Figure 5.
Leakage current is measured at a rated voltage
through +85°C and may also be measured at +125°C with
2/3 of rated voltage applied.
8. RATED VOLTAGE
This term refers to the maximum continuous DC
working voltage permissible at temperatures of +85° C or
below. The lower operating temperature is specified as
-55° C. Operation above +85° C is permissible, with
reduced working voltage. Typical working voltage reduc-
tion is to 2/3 of rated voltage at +125° C.
ESR
ESR
c
®
KEMET
APPLICATION NOTES FOR TANTALUM CAPACITORS
76
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
+20
+10
0
-10
-20
-80
-60 -40 -20
0 +20 +40 +60 +80 +100 +120
Operating Temperature
°C
Figure 2.
Typical Effect of Temperature upon Capacitance
1.0
10.0
20.0
100
1K
10K
Frequency - Hertz
Figure 3.
Normal Effect of Frequency upon
Dissipation Factor
10.0
1.0
0.1
Operating Temperature –˚C
-60 -40 -20
0
+20 +40 +60 +80 +100 +125
Reference 1.0
at + 25
°C
Temperature -
°C
Typical Range of DC Leakage as
a Function of Applied Voltage
100 110
90
80
70
60
50
40
30
20
10
0
0.0001
0.01
0.1
1.0
Figure 4.
Figure 5.
Typical Effect of Temperature
upon DC Leakage Current
Percentage of Rated Voltage
0
102030405060708090
100
110
1.0
0.1
0.01
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com