Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR91B565JB Datasheet(PDF) 59 Page - Kemet Corporation

Part # CSR91B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565JB Datasheet(HTML) 59 Page - Kemet Corporation

Back Button CSR91B565JB Datasheet HTML 55Page - Kemet Corporation CSR91B565JB Datasheet HTML 56Page - Kemet Corporation CSR91B565JB Datasheet HTML 57Page - Kemet Corporation CSR91B565JB Datasheet HTML 58Page - Kemet Corporation CSR91B565JB Datasheet HTML 59Page - Kemet Corporation CSR91B565JB Datasheet HTML 60Page - Kemet Corporation CSR91B565JB Datasheet HTML 61Page - Kemet Corporation CSR91B565JB Datasheet HTML 62Page - Kemet Corporation CSR91B565JB Datasheet HTML 63Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
®
KEMET
TANTALUM MOLDED / RADIAL MIL-C-49137/6
T370/T378 (CX06) SERIES
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
59
CASE
H
W
T
S
LEAD DIAMETER
SIZE
MAX.
MAX.
MAX.
LEAD SPACING
± .001 (.03)
*C
.225 (5.72)
.185 (4.70)
.075 (1.91)
.150 ± .010 (3.81 ± .25)
.016 (.41)
D
.290 (7.37)
.220 (5.59)
.110 (2.79)
.180 ± .010 (4.57 ± .25)
.016 (.41)
E
.310 (7.87)
.230 (5.84)
.130 (3.30)
.200 ± .010 (5.08 ± .25)
.016 (.41)
F
.475 (12.07)
.375 (9.53)
.150 (3.81)
.300 ± .010 (7.62 ± .25)
.016 (.41)
CAPACITOR OUTLINE DRAWING
DIMENSIONS - INCHES (MILLIMETER)
*C case size T370 style only.
CAPACITOR MARKING
INDUSTRIAL PRODUCT
MILITARY PRODUCT
ORDERING INFORMATION
KEMET PART NUMBER
T
37X
D
475
M
035
A
S*
TANTALUM
SERIES
T370, T378
CASE SIZE
CAPACITANCE IN PICOFARAD CODE
First two digits are significant figures.
Third figure is the number of zeros following.
CAPACITANCE TOLERANCE
M — ±20%, K — ±10%, J — ±5%
L — +40%, -20%
LEAD MATERIAL
S — Standard
(solder-coated nickel)
FAILURE RATE LEVEL
A — Not Applicable
VOLTAGE RATING
MIL-C-49137/6 PART NUMBER
CX06(T378) STYLE
CX
06
D
335
K
TYPE
Fixed, solid tantalum, polar,
nonhermetically sealed capacitors.
STYLE
06-T378 (radial leads)
VOLTAGE
CAPACITANCE TOLERANCE
Symbol
Capacitance Tolerance
Percent ±
K10
M20
CAPACITANCE
The nominal capacitance value,
expressed in picofarads (pF), is
identified by a three digit number.
The first two digits represent signifi-
cant figures and the last digit speci-
fies the number of zeros to follow.
Symbol
Rated (85°C)
Surge (85°C)
Volts, dc
Volts, dc
A2
2.6
B3
4
C4
5
D6
8
F10
13
H15
20
J20
26
K25
32
M35
46
H
Leads Lengths
Both
.350
±.050
(8.89
±1.27)
W
T378
1.625
±.125
(41.28
±3.18)
1.375
± .125
(34.93
±3.18)
(-)
S
(+)
T
T370
Military
Part
Number
Polarity
Indicator (+)
KEMET
Trademark
Date Code
(Year/Week)
T378
Lot Code
Capacitance
Tolerance
Polarity
Indicator (+)
KEMET
Trademark
Voltage
Rating
Capacitance
Value
(pf code)
T370
*Part Number Example: T370D475M035AS (14 digits – no spaces)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com