Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR91B565JB Datasheet(PDF) 52 Page - Kemet Corporation

Part # CSR91B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565JB Datasheet(HTML) 52 Page - Kemet Corporation

Back Button CSR91B565JB Datasheet HTML 48Page - Kemet Corporation CSR91B565JB Datasheet HTML 49Page - Kemet Corporation CSR91B565JB Datasheet HTML 50Page - Kemet Corporation CSR91B565JB Datasheet HTML 51Page - Kemet Corporation CSR91B565JB Datasheet HTML 52Page - Kemet Corporation CSR91B565JB Datasheet HTML 53Page - Kemet Corporation CSR91B565JB Datasheet HTML 54Page - Kemet Corporation CSR91B565JB Datasheet HTML 55Page - Kemet Corporation CSR91B565JB Datasheet HTML 56Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
MAX.
DISSIPATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
35 VOLT RATING AT 85°C — 23 VOLT RATING AT 125°C
6.8
C
T330C685(1)035AS
2
6
8.2
C
T330C825(1)035AS
5
6
10.0
C
T330C106(1)035AS
5
6
12.0
D
T330D126(1)035AS
5
6
15.0
D
T330D156(1)035AS
5
6
18.0
D
T330D186(1)035AS
10
6
22.0
D
T330D226(1)035AS
10
6
27.0
D
T330D276(1)035AS
10
6
33.0
D
T330D336(1)035AS
10
6
50 VOLT RATING AT 85°C—33 VOLT RATING AT 125°C
0.10
B
T330B104(1)050AS
1
6
0.12
B
T330B124(1)050AS
1
6
0.15
B
T330B154(1)050AS
1
6
0.18
B
T330B184(1)050AS
1
6
0.22
B
T330B224(1)050AS
1
6
0.27
B
T330B274(1)050AS
1
6
0.33
B
T330B334(1)050AS
1
6
0.39
B
T330B394(1)050AS
1
6
0.47
B
T330B474(1)050AS
1
6
0.56
B
T330B564(1)050AS
1
6
0.68
B
T330B684(1)050AS
1
6
0.82
B
T330B824(1)050AS
1
6
1.0
B
T330B105(1)050AS
1
6
1.2
B
T330B125(1)050AS
1
6
1.5
B
T330B155(1)050AS
1
6
1.8
B
T330B185(1)050AS
1
6
2.2
B
T330B225(1)050AS
1
6
2.7
C
T330C275(1)050AS
1
6
3.3
C
T330C335(1)050AS
2
6
3.9
C
T330C395(1)050AS
5
6
4.7
C
T330C475(1)050AS
5
6
5.6
C
T330C565(1)050AS
5
6
6.8
D
T330D685(1)050AS
5
6
8.2
D
T330D825(1)050AS
5
6
10.0
D
T330D106(1)050AS
5
6
12.0
D
T330D126(1)050AS
5
6
15.0
D
T330D156(1)050AS
10
6
18.0
D
T330D186(1)050AS
10
6
MAX.
DISSIPATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
25 VOLT RATING AT 85°C — 17 VOLT RATING AT 125°C
2.7
B
T330B275(1)025AS
1
6
3.3
B
T330B335(1)025AS
1
6
3.9
B
T330B395(1)025AS
1
6
4.7
B
T330B475(1)025AS
1
6
5.6
C
T330C565(1)025AS
1
6
6.8
C
T330C685(1)025AS
1
6
8.2
C
T330C825(1)025AS
1
6
10.0
C
T330C106(1)025AS
1
6
12.0
C
T330C126(1)025AS
1
6
15.0
C
T330C156(1)025AS
2
6
18.0
D
T330D186(1)025AS
5
6
22.0
D
T330D226(1)025AS
5
6
27.0
D
T330D276(1)025AS
5
6
33.0
D
T330D336(1)025AS
5
6
39.0
D
T330D396(1)025AS
10
6
47.0
D
T330D476(1)025AS
10
6
35 VOLT RATING AT 85°C—23 VOLT RATING AT 125°C
0.10
B
T330B104(1)035AS
1
6
0.12
B
T330B124(1)035AS
1
6
0.15
B
T330B154(1)035AS
1
6
0.18
B
T330B184(1)035AS
1
6
0.22
B
T330B224(1)035AS
1
6
0.27
B
T330B274(1)035AS
1
6
0.33
B
T330B334(1)035AS
1
6
0.39
B
T330B394(1)035AS
1
6
0.47
B
T330B474(1)035AS
1
6
0.56
B
T330B564(1)035AS
1
6
0.68
B
T330B684(1)035AS
1
6
0.82
B
T330B824(1)035AS
1
6
1.0
B
T330B105(1)035AS
1
6
1.2
B
T330B125(1)035AS
1
6
1.5
B
T330B155(1)035AS
1
6
1.8
B
T330B185(1)035AS
1
6
2.2
B
T330B225(1)035AS
1
6
2.7
B
T330B275(1)035AS
1
6
3.3
B
T330B335(1)035AS
1
6
3.9
C
T330C395(1)035AS
1
6
4.7
C
T330C475(1)035AS
1
6
5.6
C
T330C565(1)035AS
1
6
®
KEMET
TANTALUM MOLDED / RADIAL
T330 SERIES - PRECISION MOLDED - RADIAL LEADS
52
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
B, C & D CASES (Cont’d)
(1) To complete Part Number insert Capacitance Tolerance Symbol in the 9th character, M — ±20%, K — ±10%, J — ±5%.
Bold face lines indicate popular part types and values.
Higher voltage and better capacitance tolerance product may be substituted for an order within the same case size at KEMET’S option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com