Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR91B565JB Datasheet(PDF) 41 Page - Kemet Corporation

Part # CSR91B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565JB Datasheet(HTML) 41 Page - Kemet Corporation

Back Button CSR91B565JB Datasheet HTML 37Page - Kemet Corporation CSR91B565JB Datasheet HTML 38Page - Kemet Corporation CSR91B565JB Datasheet HTML 39Page - Kemet Corporation CSR91B565JB Datasheet HTML 40Page - Kemet Corporation CSR91B565JB Datasheet HTML 41Page - Kemet Corporation CSR91B565JB Datasheet HTML 42Page - Kemet Corporation CSR91B565JB Datasheet HTML 43Page - Kemet Corporation CSR91B565JB Datasheet HTML 44Page - Kemet Corporation CSR91B565JB Datasheet HTML 45Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
KEMET T256 SERIES
MIL-C-39003 (CSS33) CAPACITORS
KEMET EQUIVALENT
MAX. ESR
CAPACITANCE
CASE
PART NUMBER FOR
µA @ +25°
µA @ +85°
µA @ +125°
% @ -55°C
% @ -85°C
Ω @ 25°C
B
C
µF
SIZE
CSS33 CAPACITORS
MAX.
MAX.
MAX.
+25°C MAX.
+125°C MAX.
100kHz
(0.1)
(0.01)
15 VOLT RATING AT 85°C
4.7
A
T256A475K015CS
.5
2.0
2.0
4
4
.90
3520(1)
5.6
A
T256A565K015CS
.5
2.0
2.0
4
4
.80
3521(1)
33.0
B
T256B336K015CS
1.0
2.0
2.0
6
6
.24
3522(1)
39.0
B
T256B396K015CS
1.0
2.0
2.0
6
6
.22
3523(1)
150.0
C
T256C157K015BS
1.0
7.0
7.0
8
8
.10
2524(1)
180.0
C
T256C187K015BS
2.0
10.0
10.0
8
8
.09
2525(1)
220.0
D
T256D227K015BS
2.0
10.0
10.0
8
8
.07
2526(1)
270.0
D
T256D277K015BS
2.0
16.0
16.0
8
8
.065
2527(1)
330.0
D
T256D337K015BS
2.0
16.0
16.0
8
8
.060
2528(1)
20 VOLT RATING AT 85°C
2.7
A
T256A275K020CS
.5
2.0
2.0
4
4
1.15
3529(1)
3.3
A
T256A335K020CS
.5
2.0
2.0
4
4
.95
3530(1)
3.9
A
T256A395K020CS
.5
2.0
2.0
4
4
.90
3531(1)
18.0
B
T256B186K020CS
1.0
2.0
2.0
6
6
.27
3532(1)
22.0
B
T256B226K020BS
1.0
2.0
2.0
6
6
.26
2533(1)
27.0
B
T256B276K020BS
1.0
2.0
2.0
6
6
.24
2534(1)
56.0
C
T256C566K020CS
1.0
10.0
10.0
6
6
.15
3535(1)
68.0
C
T256C686K020CS
1.0
10.0
10.0
6
6
.14
3536(1)
82.0
C
T256C826K020BS
1.0
10.0
10.0
6
6
.12
2537(1)
100.0
C
T256C107K020BS
1.0
10.0
10.0
6
6
.10
2538(1)
120.0
C
T256C127K020BS
1.0
10.0
10.0
6
6
.09
2539(1)
150.0
D
T256D157K020BS
2.0
10.0
10.0
8
8
.08
2540(1)
180.0
D
T256D187K020BS
2.0
10.0
10.0
8
8
.07
2541(1)
35 VOLT RATING AT 85°C
1.8
A
T256A185K035BS
.5
2.0
2.0
4
4
.20
2542(1)
8.2
B
T256B825K035BS
1.0
2.0
2.0
6
6
.40
2543(1)
10.0
B
T256B106K035BS
1.0
2.0
2.0
6
6
.35
2544(1)
33.0
C
T256C336K035BS
1.0
5.0
5.0
6
6
.19
2545(1)
39.0
C
T256C396K035BS
1.0
5.0
5.0
6
6
.17
2546(1)
47.0
C
T256C476K035BS
1.0
5.0
5.0
6
6
.15
2547(1)
56.0
D
T256D566K035BS
2.0
10.0
10.0
6
6
.13
2548(1)
68.0
D
T256D686K035BS
2.0
10.0
10.0
6
6
.12
2549(1)
50 VOLT RATING AT 85°C
1.2
A
T256A125K050BS
.5
2.0
2.0
4
4
1.30
2550(1)
1.5
A
T256A155K050BS
.5
2.0
2.0
4
4
1.20
2551(1)
5.6
B
T256B565K050BS
1.0
2.0
2.0
4
4
.47
2552(1)
6.8
B
T256B685K050BS
1.0
2.0
2.0
6
6
.43
2553(1)
22.0
C
T256C226K050BS
1.0
5.0
5.0
6
6
.22
2554(1)
27.0
C
T256C276K050BS
1.0
5.0
5.0
6
6
.20
2555(1)
33.0
D
T256D336K050BS
1.0
9.0
9.0
6
6
.18
2556(1)
39.0
D
T256D396K050BS
1.0
9.0
9.0
6
6
.16
2557(1)
®
KEMET
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-C-39003
T216 (CSS13) & T256 (CSS33) SERIES
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
41
RATINGS AND PART NUMBER REFERENCE T256/(CSS33) (Cont’d)
(1) To complete, insert S for sleeved or U for unsleeved, if “U” ordered also use C-0100.
DC LEAKAGE
MAX. DISSIPATION FACTOR
DASH NUMBER REFERENCE
FAILURE RATE LEVEL(%/1000 HRS)
MIL-C-39003/10 GRADED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com