Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR21B565KB Datasheet(PDF) 71 Page - Kemet Corporation

Part # CSR21B565KB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR21B565KB Datasheet(HTML) 71 Page - Kemet Corporation

Back Button CSR21B565KB Datasheet HTML 67Page - Kemet Corporation CSR21B565KB Datasheet HTML 68Page - Kemet Corporation CSR21B565KB Datasheet HTML 69Page - Kemet Corporation CSR21B565KB Datasheet HTML 70Page - Kemet Corporation CSR21B565KB Datasheet HTML 71Page - Kemet Corporation CSR21B565KB Datasheet HTML 72Page - Kemet Corporation CSR21B565KB Datasheet HTML 73Page - Kemet Corporation CSR21B565KB Datasheet HTML 74Page - Kemet Corporation CSR21B565KB Datasheet HTML 75Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
KEMET
®
KEMET
®
Blue
Adhesive Tape (–)
Kraft Paper
Interleaving
Figure 1
White
Adhesive Tape (+)
Kraft Paper
Interleaving
®
KEMET
PACKAGING INFORMATION
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
71
Tantalum Axial
Lead Tape and Reel Packaging
KEMET offers standard reeling of Solid Tantalum
Capacitors for automatic insertion or lead forming
machines per EIA Specification RS-296E.
See Table 1
"B"
31/4"
(82.6)
.655"
±0.010
Hole
(15.9
±0.25)
12"
(30.48cm)
.059" to .315"
Greater Than
Component
Length
*
Hub
1/8"
(3.18)
White (+)
(Anode)
Blue (–)
(Cathode)
.250" Nom.
(6.35)
*
..047" Max
(1.20)
See Table 1
"A"
COMPONENT
COMPONENT
INSIDE TAPE SPACING
BODY DIAMETER
PITCH “A”
“B” ±1.5mm (0.059")
0.020" or (±0.5mm)
I
II
III
0" (0mm) to 0.197" (5mm)
0.200" or (5mm)
2.062"
2.500"
2.874"
0.197" (5.01mm) to 0.394" (10mm)
0.400" or (10mm)
(52.4mm) (63.5mm)
(73mm)
Table 1
Dimensions in Inches & (Millimeters)
Capacitors are reeled so that positive leads are oriented as shown in Figure 3. Kraft paper (50lb. test minimum)
is inserted between the layers of capacitors wound on reels for component pitch
≤0.200" sizes and corrugated
paper (70 lb. test minimum), single faced is inserted for component pitch
≥0.400" sizes. Capacitor lead length may
extend only a maximum of .031" (0.8 mm) beyond the tape’s edges. Capacitors are centered in a row between the
two tapes and will deviate only ±0.031" (0.79 mm) from the row center. Figures 1 and 2 show the KEMET standard
chipboard tape reel. A minimum of 36" (91.5 cm) leader tape is provided at each end of the reeled capacitors.
Universal splicing clips are used to connect the tape. Standard reel quantities are shown on page 73.
Figure 2
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com