Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR21B565KB Datasheet(PDF) 74 Page - Kemet Corporation

Part # CSR21B565KB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR21B565KB Datasheet(HTML) 74 Page - Kemet Corporation

Back Button CSR21B565KB Datasheet HTML 70Page - Kemet Corporation CSR21B565KB Datasheet HTML 71Page - Kemet Corporation CSR21B565KB Datasheet HTML 72Page - Kemet Corporation CSR21B565KB Datasheet HTML 73Page - Kemet Corporation CSR21B565KB Datasheet HTML 74Page - Kemet Corporation CSR21B565KB Datasheet HTML 75Page - Kemet Corporation CSR21B565KB Datasheet HTML 76Page - Kemet Corporation CSR21B565KB Datasheet HTML 77Page - Kemet Corporation CSR21B565KB Datasheet HTML 78Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
®
KEMET
PACKAGING INFORMATION
74
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
TANTALUM PACKAGING (Continued)
Standard
Standard
KEMET(1)
Military
Military
Case
Bulk(2)
Reel
Reel
Ammo
Number
Style
Specification
Size
Quantity
Quantity
Size
Packs
T363
CX02
MIL-C-49137/2
A
1000
1500
12”
2500
B
1000
1500
12”
2000
C
500
500
12”
800
D
500
500
12”
800
T368
C
500
500
12”
800
D
500
500
12”
800
T369
CX12
MIL-C-49137/2
A
1000
1500
12”
2500
B
1000
1500
12”
2000
T370
C
500
N/A
N/A
N/A
D
500
1000
12”
N/A
E
500
1000
12”
N/A
F
250
N/A
N/A
N/A
T378
CX06
MIL-C-49137/6
D
200
1000
12”
N/A
E
180
1000
12”
N/A
F
50
N/A
N/A
N/A
T396,
A-B
1000
1500
12”
2000
T398
C
500
1500
12”
2000
D-F
500
1000
12”
1500
G
500
1000
12”
2000
H
500
800
12”
2000
J
250
800
12”
1600
K
250
500
12”
800
L-M
250
500
12”
500
NOTE: (1) Standard packaging refers to number of pieces per bag, box, tray or vial.
(2) Quantity varies. For further details, please consult the factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com