Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR21B565KB Datasheet(PDF) 58 Page - Kemet Corporation

Part # CSR21B565KB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR21B565KB Datasheet(HTML) 58 Page - Kemet Corporation

Back Button CSR21B565KB Datasheet HTML 54Page - Kemet Corporation CSR21B565KB Datasheet HTML 55Page - Kemet Corporation CSR21B565KB Datasheet HTML 56Page - Kemet Corporation CSR21B565KB Datasheet HTML 57Page - Kemet Corporation CSR21B565KB Datasheet HTML 58Page - Kemet Corporation CSR21B565KB Datasheet HTML 59Page - Kemet Corporation CSR21B565KB Datasheet HTML 60Page - Kemet Corporation CSR21B565KB Datasheet HTML 61Page - Kemet Corporation CSR21B565KB Datasheet HTML 62Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
®
KEMET
TANTALUM MOLDED / RADIAL — MIL-C-49137/6
T370/T378 (CX06) MIL-C-49137/6 SERIES
58
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
The KEMET Micron Series is available in a variety of case styles and
sizes. They are designed to operate from -55°C to +85°C at full volt-
age and to +125°C with derating. Typical applications include use in
bypass coupling, filtering, and timing circuits.
The KEMET Micron Series is qualified under MIL-C-49137/6 as mil-
itary styles CX06 (T378 Series).
The KEMET T370 Series is encapsulated in a molded gold color
epoxy. This encasement technique allows maximum utilization of cir-
cuit board real estate with precisely centered leads in a microminia-
ture case.
These molded packages also provide significant improvements in
overall dimensional consistency as well as lead wires precisely
spaced to within .010 inches (.25mm).
With our new molded packaging design, these capacitors can now
be marked using our laser printing technique. The KEMET laser
marking system ensures legibility and permanency while offering a
complete alphanumeric print format. Laser print meets all require-
ments of the Resistance to Solvents Test, method 215 of
MIL-STD-202.
• CAPACITANCE/VOLTAGE RANGE:
T370 Series: 0.68-220µF, 3-35 Volts.
T378 Series: 2.2-220µF, 3-35 Volts.
• CAPACITANCE TOLERANCE: Available in stan-
dard EIA nominal values with ±20% tolerance
standard, +40% -20%, ±10% and ±5% are also
available.
• DISSIPATION FACTOR: Maximum DF limits are
shown in corresponding series part number list-
ings on page 60. See Application Notes Section,
page 76 for additional information.
• DC LEAKAGE CURRENT: Maximum leakage val-
ues at 25° are shown in part number listings, page
60. See Application Notes Section, page 76 for
additional information.
• RATED VOLTAGE; WORKING VOLTAGE; SURGE
VOLTAGE; REVERSE VOLTAGE: See Application
Notes Section, pages 76 & 77 for description.
• IMPEDANCE and ESR: See Application Notes
Section, pages 78 for description. Reference ESR
values are listed in table below.
• AC RIPPLE VOLTAGE: Permissible AC ripple volt-
age is related to the ESR of the capacitor and the
power dissipation capabilities of a particular case
size. Thermal capacities for the various case sizes
have been determined and are listed in Table
below. For additional description see page 78.
• ENVIRONMENTAL CONSIDERATIONS:
A. Shock Test: MIL-STD-202, Method 213
Condition 1.
B. Thermal Shock, MIL-STD-202, Method 107.
C. Moisture Resistance: MIL-STD-202,
Method 106.
D. Solderability: MIL-STD-202, Method 208.
For additional Environmental Test Information see
pages 80, 81 and 82.
• LEAD MATERIAL: Solder coated nickel per
MIL-STD1266, type N32.
• LEAD TAPE and REEL: Reeling per specification
RS-468. See pages 72 and 74 for additional infor-
mation.
PERFORMANCE CHARACTERISTICS
Case
Size
Watts
C
.070
D
.080
E
.090
F
.100
Maximum Power Dissipation Capability @ 25°C
T370 ESR (OHMS) at 100 kHz @ +25
°C
(The ESR values provided below are for
reference only. No warranty, as stated on
page 3 and reincorporated here, is made as
to the accuracy of these values for any
particular T370 Series product.)
0.68
1.00
1.50
2.20
3.30
4.70
6.80
10.0
15.0
22.0
33.0
47.0
68.0
100.0
150.0
6.0
5.0
3.7
3.0
2.0
1.8
1.6
0.9
6.0
5.0
3.7
2.7
2.1
1.7
1.3
1.0
2.5
2.0
1.6
1.3
1.0
5.5
4.5
3.6
2.9
2.3
1.8
1.4
1.2
6.0
5.0
4.0
3.1
2.5
2.0
1.5
1.2
10.0
8.0
6.0
5.0
4.0
3.0
2.5
2.0
1.6
1.3
Cap.
µF
6
Volt
10
Volt
15
Volt
20
Volt
25
Volt
35
Volt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com