Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR21B565KB Datasheet(PDF) 72 Page - Kemet Corporation

Part # CSR21B565KB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR21B565KB Datasheet(HTML) 72 Page - Kemet Corporation

Back Button CSR21B565KB Datasheet HTML 68Page - Kemet Corporation CSR21B565KB Datasheet HTML 69Page - Kemet Corporation CSR21B565KB Datasheet HTML 70Page - Kemet Corporation CSR21B565KB Datasheet HTML 71Page - Kemet Corporation CSR21B565KB Datasheet HTML 72Page - Kemet Corporation CSR21B565KB Datasheet HTML 73Page - Kemet Corporation CSR21B565KB Datasheet HTML 74Page - Kemet Corporation CSR21B565KB Datasheet HTML 75Page - Kemet Corporation CSR21B565KB Datasheet HTML 76Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
®
KEMET
PACKAGING INFORMATION
72
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
KEMET offers Solid Tantalum Capacitors fully compatible for use with automatic insertion machines for radial-lead components. Aris Reeling meets
all requirements of EIA Standard RS-468. KEMET capacitors are wound on a precision made ARIS Reel Package. ARIS Ammo Package is also available.
Tantalum Dipped Radial – ARIS Specification (Automatic Radial Insertion System)
Tantalum Molded Radial – ARIS Specification (Automatic Radial Insertion System)
On polar devices, the positive (+) lead exits from container first.
* Lead spacings are 2.5mm (.098") center-to center
** Lead spacings are 5.0mm (.197") center-to-center.
On polar devices, the positive (+) lead exits from container first.
* Lead spacings are 2.5mm (.098") center-to-center (T350 A-H)
** Lead spacings are 5.0mm (.197") center-to-center
F Dimensions:
0.100"
± .015
0.125"
± .015
0.200"
± .015
0.250"
± .015"
0.100 "
± .015 (3 leaded)
P1 Dimensions:
Lead
Spacing
0.100"
–
0.200
± .028"
0.125"
–
0.187
± .028"
0.200"
–
0.150
± .028"
0.250"
–
0.125
± .028"
0.100"
–
0.100
± .028" ( 3 leaded)
Œ
T330**
T340**
T370
P2
H
A
W1
W0
W2
W2
P0
T
d
L1
A1
P
H1
W
D0
P1
F
Œ

Ž
Ž
T350/1*
T396/8*
T352/3/4/5/6**
1MM Max.
(.039")
Tape
Carrier
T0
∆H
P2
H
A
W0
W2
W2
P0
T
d
L1
A1
P
H1
W1
P1
F
W
D0
ŒŽ
Œ

Ž
L
H0
Body Height (1)
Body Width (1)
Sprocket Hole
Diameter
Lead Diameter
Lead Center (5)
Component Base
to Tape Center (2)(4)(6)
Lead Standoff
Height
Component Height
Above Tape Center
Component Alignment
Front to Rear
Cut Out Length
Lead Protrustion
Dimension
Symbol
Nominal
mm (inch)
Tolerance
mm (inch)
Dimension
Symbol
Nominal
mm (inch)
Tolerance
mm (inch)
Component Pitch (5)
Sprocket Hole
Pitch (3)
Sprocket Hole
Center to Lead
Center (4) (5)
Sprocket Hole Center
to Component Center
Body Thickness
Total Tape Thickness
Carrier Tape Width
Hold-Down Tape
Width
Sprocket Hole
Location
Hold-Down Tape
Location
A
A1
D0
d
F
H
H0
H1
∆ H
L
L1
10.50 (.413)
15.24 (.600)
4.0 (.157)
0.51 or 0.64
(.020) (.025)
5.0
2.5
(.197) (.098)
18.0 (.709)
N/A
32.25 (1.270)
0
11.0 (.433)
2.0 (.079)
± .38 (±.015)
Maximum
Maximum
± .38
± (.015)
± 0.3 (± .012)
± 0.05 or ± .03
(
± .001)
+ 0.8/ - 0.2
(+ .032/ -.008)
Reference Only
Maximum
± 2.0
(
± .079)
Maximum
Maximum
12.7 (.500)
12.7 (.500)
3.85
4.76
5.1
(.152) (.188) (.201)
6.35 (.250)
6.35 (.250)
0.7 (0.28)
18.0 (.709)
15
or
6
(.561) (.236)
9.0 (.354)
3.0 or 12.0
(.118)
(.472)
P
P0
P1
P2
T0
T
W
W0
W1
W2
± 1.0 (± .039)
± 0.3 (±.012)
± 0.7 (±.028)
± 1.3 (±.051)
± 1.3 Maximum
± .02 (±.008)
+ 1.0/-0.5
(+.039/-.020)
+ 1.0/-0.8
(+.039/.031)
+.075/-0.5
(+.030/-.020)
Maximum
Notes: (1) See page 50 for T330, page 53 for T340 and page 59 for T35X specific dimensions.
(2) Reference Only
(3) Cumulative pitch error
± 1.0mm (.039") maximum in 20 consecutive sprocket hole locations.
(4) Measured at bottom of standoff.
(5) P, P1 and F measured at egress from carrier tape.
(6) H dimensions for T370 D and E 16.5mm
± 0.5mm (0.650" ± 0.020")
Tantalum Molded Tape and Reel Dimensions in Millimeters & (Inches)
Body Height (1)
Body Width (1)
Sprocket Hole
Diameter
Lead Diameter
Lead Center (4)
Component Base
to Tape Center (4)
Lead Standoff
Height
Component Height
Above Tape Center
Component Alignment
Front to Rear
Cut Out Length
Lead Protrustion
Dimension
Symbol
Nominal
mm (inch)
Tolerance
mm (inch)
Dimension
Symbol
Nominal
mm (inch)
Tolerance
mm (inch)
Component Pitch (5)
Sprocket Hole
Pitch (2)
Sprocket Hole
Center to Lead
Center (3) (4)
Sprocket Hole Center
to Component (5)
Center
Body Thickness
Total Tape Thickness
Carrier Tape Width
Hold-Down Tape
Width
Sprocket Hole
Location
Hold-Down Tape
Location
A
A1
D0
d
F
H
H0
H1
∆ H
L
L1
17.0 (0.67)
10.2 (0.40)
4.0 (.157)
0.51 or 0.64
(.020) (.025)
See Note Below
C-7301
C-7303
16.0 (.630) 18.0 (.709)
C-7301
C-7303
16.0 (.630) 18.0 (.709)
32.25 (1.270)
0
11.0 (.433)
1.0 (.039)
Maximum
Maximum
± 0.3 (±.012)
± 0.05 (.002)
C-7301
C-7303
±0.5 (±.020) Minimum
C-7301
C-7303
±0.5 (±.020) Minimum
Maximum
1.0 (.039)
Maximum
Maximum
12.7 (.500)
12.7 (.500)
See Note
Below
See Note
Below
10.2 (.400)
0.7 (0.28)
18.0 (.709)
15mm or 6mm
(.561)
(.236)
9.0 (.354)
12mm (.472)
P
P0
P1
P2
T0
T
W
W0
W1
W2
± 1.0 (± .039)
± 0.3 (±.012)
± 0.7 (±.028)
Maximum
± .02 (.008)
+ 1.0/-0.5
(+.039/-.020)
+ 1.0/-0.8
(+.039/-.031)
+.075/-0.5
(+.030/-.020)
Maximum
Notes: (1) See page 62 for T35X and page 69 for T39X specific dimensions.
(2) Cumulative pitch error
± 1.0mm (.039) maximum in 20 consecutive sprocket hole locations.
(3) Measured at bottom of standoff.
(4) P1 and F measured at egress from carrier tape.
(5) P and P2 measured at egress from carrier tape.
Tantalum Dipped Tape and Reel Dimensions in Millimeters & (Inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com