Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 89 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 85Page - STMicroelectronics STR720RBQ6 Datasheet HTML 86Page - STMicroelectronics STR720RBQ6 Datasheet HTML 87Page - STMicroelectronics STR720RBQ6 Datasheet HTML 88Page - STMicroelectronics STR720RBQ6 Datasheet HTML 89Page - STMicroelectronics STR720RBQ6 Datasheet HTML 90Page - STMicroelectronics STR720RBQ6 Datasheet HTML 91Page - STMicroelectronics STR720RBQ6 Datasheet HTML 92Page - STMicroelectronics STR720RBQ6 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 401 page
background image
STR720 - DMA CONTROLLER (DMAC)
89/401
Bit 8:7 = DeSize: DMA to destination data width
These bits are used to select the data width for DMA to destination data transfer.
00: 1 byte
01: 1 half-word
10: 1 word
11: reserved
Bit 9 = Circular: Circular mode
This bit is used to enable DMA to operates in the circular buffer mode.
0: normal buffer mode
1: circular buffer mode
Bit 12:10 = Reserved. They must be always written to ‘0’.
Bit 13 = Dir: Direction transfer
This bit defines which field between DeSize and SoSize is used to compute burst and terminal
count word unit; since the side of DMA transfer requiring a burst is usually the peripheral one
this bit can be considered indicating the direction of the transfer, specifying if the peripheral is
acting as source or destination.
0: SoSize defines the word unit for burst and terminal count (peripheral is the source).
1: DeSize defines the word unit for burst and terminal count (peripheral is the destination).
Bit 15:14 = Reserved. They must be always written to ‘0’.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com