Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 91 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 87Page - STMicroelectronics STR720RBQ6 Datasheet HTML 88Page - STMicroelectronics STR720RBQ6 Datasheet HTML 89Page - STMicroelectronics STR720RBQ6 Datasheet HTML 90Page - STMicroelectronics STR720RBQ6 Datasheet HTML 91Page - STMicroelectronics STR720RBQ6 Datasheet HTML 92Page - STMicroelectronics STR720RBQ6 Datasheet HTML 93Page - STMicroelectronics STR720RBQ6 Datasheet HTML 94Page - STMicroelectronics STR720RBQ6 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 401 page
background image
STR720 - DMA CONTROLLER (DMAC)
91/401
Bit 8:7 = DeSize: DMA to destination data width
These bits are used to select the data width for DMA to destination data transfer.
00: 1 byte
01: 1 half-word
10: 1 word
11: reserved
Bit 9 = Circular: Circular mode
This bit is used to enable DMA to operates in the circular buffer mode.
0: normal buffer mode
1: circular buffer mode
Bit 10 = Reserved. It must be always written to ‘0’.
Bit 11 = Mem2Mem: Selects memory to memory transfer
This configure stream 3 to operate a memory to memory transfer. When Mem2Mem is set, the
DMA will disregard the DMA request connected to stream 3, and transfer data from source to
destination as fast as possible until MaxCnt expires.
0: Stream3 not configured for mem to mem transfer
1: Stream3 configured for mem to mem transfer
When the stream 3 is configured as a memory-memory transfer, SoBurst relates to the source
side burst length, regardless of the value written in Dir bit (see below).
Bit 12 = Reserved. It must be always written to ‘0’.
Bit 13 = Dir: Direction transfer
This bit defines which field between DeSize and SoSize is used to compute burst and terminal
count word unit; since the side of DMA transfer requiring a burst is usually the peripheral one
this bit can be considered indicating the direction of the transfer, specifying if the peripheral is
acting as source or destination. The value written in this bit is ignored when the channel is
configured to perform a memory-to-memory transfer (Mem2Mem bit written to ‘1’).
0: SoSize defines the word unit for burst and terminal count (peripheral is the source).
1: DeSize defines the word unit for burst and terminal count (peripheral is the destination).
Bit 15:14 = Reserved. They must be always written to ‘0’.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com