Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 90 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 86Page - STMicroelectronics STR720RBQ6 Datasheet HTML 87Page - STMicroelectronics STR720RBQ6 Datasheet HTML 88Page - STMicroelectronics STR720RBQ6 Datasheet HTML 89Page - STMicroelectronics STR720RBQ6 Datasheet HTML 90Page - STMicroelectronics STR720RBQ6 Datasheet HTML 91Page - STMicroelectronics STR720RBQ6 Datasheet HTML 92Page - STMicroelectronics STR720RBQ6 Datasheet HTML 93Page - STMicroelectronics STR720RBQ6 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 401 page
background image
STR720 - DMA CONTROLLER (DMAC)
90/401
Control register 3 (DMACtrl3)
Address Offset: D4h
Reset value: 0000h
DMACtrl3 register is used to configure stream 3 operations.
Bit 0 = Enable: DMA enable
0: DMA disable
1: DMA enable
Bit 1 = SoInc: Increment Current Source Register
This bit is used to enable the Current Source Register after each source to DMA data transfer.
0: Current Source Register unchanged
1: Current Source Register incremented
Bit 2 = DeInc: Increment Current Destination Register
This bit is used to enable the Current Destination Register after each DMA to destination data
transfer.
0: Current Destination Register unchanged
1: Current Destination Register incremented
Bit 4:3 = SoSize: Source to DMA data width
These bits are used to select the data width for source to DMA data transfer.
00: 1 byte
01: 1 half-word
10: 1 word
11: reserved
Bit 6:5 = SoBurst: DMA peripheral burst size
These bits are used to define the number of words in the peripheral burst. When the
peripheral is the source (Dir = 0), SoSize words are read in to the FIFO before writing FIFO
contents to destination. When the peripheral is the destination (Dir = 1), the DMA interface will
automatically read the correct number of source words to compile an SoBurst of the DeSize
data.
00: Single
01: 4 incrementing
10: 8 incrementing
11: 16 incrementing
15
14
13
12
11
10
9
8
765432
1
0
reserved
Dir
reserved Mem2Mem
Res.
Circular
DeSize
SoBurst
SoSize
DeInc
SoInc
Enable
-rw
-
rw
-
rw
rw
rw
rw
rw
rw
rw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com