Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 94 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 90Page - STMicroelectronics STR720RBQ6 Datasheet HTML 91Page - STMicroelectronics STR720RBQ6 Datasheet HTML 92Page - STMicroelectronics STR720RBQ6 Datasheet HTML 93Page - STMicroelectronics STR720RBQ6 Datasheet HTML 94Page - STMicroelectronics STR720RBQ6 Datasheet HTML 95Page - STMicroelectronics STR720RBQ6 Datasheet HTML 96Page - STMicroelectronics STR720RBQ6 Datasheet HTML 97Page - STMicroelectronics STR720RBQ6 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 401 page
background image
STR720 - DMA CONTROLLER (DMAC)
94/401
Terminal Counter Register X (DMATCntX) (X=2,3)
Address Offset: A8h - E8h
Reset value: 0000h
DMATCntX contains the number of data units remaining in the current DMA transfer. The data
unit is equal to the DMA data with (byte, half-word or word) configured for the source side, if
Dir bit of DMACtrlX register is 0, or for the destination side, if Dir bit of DMACtrlX register is 1.
The register value is decremented every time data is transferred to the DMA FIFO. When the
Terminal Count reaches zero, the FIFO content is transferred to the Destination and the DMA
transfer is finished. This is a read only register.
Bit 15:0 = DMATCntX[15:0]
Note
DMATCntX register can be used also in Circular buffer mode, with the exception of
the last buffer sweep. Once LAST flag is set, the value of DMATCntX register
becomes not meaningful and should be ignored.
Last Used Buffer location X (DMALUBuffX) (X=2,3)
Address Offset: ACh - ECh
Reset value: 0000h
DMALUBuffX is used in circular buffer mode during last buffer sweep, and it contains the
circular buffer position where the last data to be used by stream X is located. The first buffer
location is indicated writing 0x0000 into this register, the second with 0x0001 and so on, up to
the last location which is indicated setting this register with (DMAMaxX - 1). For a description
of this register usage, see also Circular mode operations on page 84
Bit 15:0 = DMALUBuffX[15:0]
15
14
13
12
11
10
9
8
765432
1
0
DMATCntX
r
15
14
13
12
11
10
9
8
765432
1
0
DMALUBuff
rw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com