Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 252 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 252 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 248Page - STMicroelectronics STR720RBQ6 Datasheet HTML 249Page - STMicroelectronics STR720RBQ6 Datasheet HTML 250Page - STMicroelectronics STR720RBQ6 Datasheet HTML 251Page - STMicroelectronics STR720RBQ6 Datasheet HTML 252Page - STMicroelectronics STR720RBQ6 Datasheet HTML 253Page - STMicroelectronics STR720RBQ6 Datasheet HTML 254Page - STMicroelectronics STR720RBQ6 Datasheet HTML 255Page - STMicroelectronics STR720RBQ6 Datasheet HTML 256Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
252/401
must arrive at node A before the start of Phase_Seg1. This condition defines the length of
Prop_Seg.
If the edge from recessive to dominant transmitted by node B arrives at node A after the start
of Phase_Seg1, it can happen that node A samples a recessive bit instead of a dominant bit,
resulting in a bit error and the destruction of the current frame by an error flag.
The error occurs only when two nodes arbitrate for the CAN bus that have oscillators of
opposite ends of the tolerance range and that are separated by a long bus line. This is an
example of a minor error in the bit timing configuration (Prop_Seg to short) that causes
sporadic bus errors.
Some CAN implementations provide an optional 3 Sample Mode but the CAN Peripheral does
not. In this mode, the CAN bus input signal passes a digital low-pass filter, using three
samples and a majority logic to determine the valid bit value. This results in an additional input
delay of 1 tq, requiring a longer Prop_Seg.
18.7.10.3 Phase Buffer Segments and Synchronization
The Phase Buffer Segments (Phase_Seg1 and Phase_Seg2) and the Synchronization Jump
Width (SJW) are used to compensate for the oscillator tolerance. The Phase Buffer Segments
may be lengthened or shortened by synchronization.
Synchronizations occur on edges from recessive to dominant, their purpose is to control the
distance between edges and Sample Points.
Edges are detected by sampling the actual bus level in each time quantum and comparing it
with the bus level at the previous Sample Point. A synchronization may be done only if a
recessive bit was sampled at the previous Sample Point and if the bus level at the actual time
quantum is dominant.
An edge is synchronous if it occurs inside of Sync_Seg, otherwise the distance between edge
and the end of Sync_Seg is the edge phase error, measured in time quanta. If the edge
occurs before Sync_Seg, the phase error is negative, else it is positive.
Two types of synchronization exist, Hard Synchronization and Re-synchronization.
A Hard Synchronization is done once at the start of a frame and inside a frame only when
Re-synchronizations occur.
•
Hard Synchronization
After a hard synchronization, the bit time is restarted with the end of Sync_Seg,
regardless of the edge phase error. Thus hard synchronization forces the edge, which has
caused the hard synchronization to lie within the synchronization segment of the restarted
bit time.
•
Bit Re-synchronization
Re-synchronization leads to a shortening or lengthening of the bit time such that the
position of the sample point is shifted with regard to the edge.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com