Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 259 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 259 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 255Page - STMicroelectronics STR720RBQ6 Datasheet HTML 256Page - STMicroelectronics STR720RBQ6 Datasheet HTML 257Page - STMicroelectronics STR720RBQ6 Datasheet HTML 258Page - STMicroelectronics STR720RBQ6 Datasheet HTML 259Page - STMicroelectronics STR720RBQ6 Datasheet HTML 260Page - STMicroelectronics STR720RBQ6 Datasheet HTML 261Page - STMicroelectronics STR720RBQ6 Datasheet HTML 262Page - STMicroelectronics STR720RBQ6 Datasheet HTML 263Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
259/401
CAN nodes with different system clocks require different configurations to come to the same
bit rate. The calculation of the propagation time in the CAN network, based on the nodes with
the longest delay times, is done once for the whole network.
The oscillator tolerance range of the CAN systems is limited by that node with the lowest
tolerance range.
The calculation may show that bus length or bit rate have to be decreased or that the stability
of the oscillator frequency has to be increased in order to find a protocol compliant
configuration of the CAN bit timing.
The resulting configuration is written into the Bit Timing Register:
(Phase_Seg2-1)&(Phase_Seg1+Prop_Seg-1)&
(SynchronisationJumpWidth-1)&(Prescaler-1)
Example for Bit Timing at High Baudrate
In this example, the frequency of APB_CLK is 10 MHz, BRP is 0, the bit rate is 1 MBit/s.
tq
100
ns
= tAPB_CLK
delay of bus driver
50
ns
delay of receiver circuit
30
ns
delay of bus line (40m)
220
ns
tProp
600
ns
= 6 • tq
tSJW
100
ns
= 1 • tq
tTSeg1
700
ns
= tProp + tSJW
tTSeg2
200
ns
= Information Processing Time + 1 • tq
tSync-Seg
100
ns
= 1 • tq
bit time
1000
ns
= tSync-Seg + tTSeg1 + tTSeg2
tolerance for APB_CLK
0.39
%
=
=
min PB1 PB2
,
()
2x 13x bit time
PB2
–
()
()
---------------------------------------------------------------
0.1
µs
2x 13x 1
µs 0.2µs
–
()
()
-----------------------------------------------------------
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com