Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 267 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 267 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 263Page - STMicroelectronics STR720RBQ6 Datasheet HTML 264Page - STMicroelectronics STR720RBQ6 Datasheet HTML 265Page - STMicroelectronics STR720RBQ6 Datasheet HTML 266Page - STMicroelectronics STR720RBQ6 Datasheet HTML 267Page - STMicroelectronics STR720RBQ6 Datasheet HTML 268Page - STMicroelectronics STR720RBQ6 Datasheet HTML 269Page - STMicroelectronics STR720RBQ6 Datasheet HTML 270Page - STMicroelectronics STR720RBQ6 Datasheet HTML 271Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
267/401
scheme implements a virtual dual-port RAM that allows memory access, while an USB
transaction is happening. Multi-word APB transfers of any length are also allowed by this
scheme.
•
Register Mapper: This block collects the various byte-wide and bit-wide registers of the
USB Peripheral in a structured 16-bit wide word set addressed by the APB.
•
Interrupt Mapper: This block is used to select how the possible USB events can generate
interrupts and map them to IRQ lines of the EIC.
•
APB Wrapper: This provides an interface to the APB for the memory and register. It also
maps the whole USB Peripheral in the APB address space.
19.5 Programming Considerations
In the following sections, the expected interactions between the USB Peripheral and the
application program are described, in order to ease application software development.
19.5.1
Generic USB Device Programming
This part describes the main tasks required of the application software in order to obtain USB
compliant behaviour. The actions related to the most general USB events are taken into
account and paragraphs are dedicated to the special cases of double-buffered endpoints and
Isochronous transfers. Apart from system reset, action is always initiated by the USB
Peripheral, driven by one of the USB events described below.
19.5.2
System and Power-On Reset
Upon system and power-on reset, the first operation the application software should perform
is to provide all required clock signals to the USB Peripheral and subsequently de-assert its
reset signal so to be able to access its registers. The whole initialization sequence is hereafter
described.
As a first step application software needs to activate register macrocell clock and de-assert
macrocell specific reset signal using related control bits provided by device clock
management logic.
After that the analog part of the device related to the USB transceiver must be switched on
using the PDWN bit in CNTR register which requires a special handling. This bit is intended to
switch on the internal voltage references supplying the port transceiver . Since this circuits
have a defined start-up time, during which the behaviour of USB transceiver is not defined, it
is necessary to wait this time, after having set the PDWN bit in CNTR register, then the reset
condition on the USB part can be removed (clearing of FRES bit in CNTR register) and the
ISTR register can be cleared, removing any spurious pending interrupt, before enabling any
other macrocell operation.
As a last step the USB specific 48 MHz clock needs to be activated, using the related control
bits provided by device clock management logic, where applicable.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com