Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 274 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 274 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 270Page - STMicroelectronics STR720RBQ6 Datasheet HTML 271Page - STMicroelectronics STR720RBQ6 Datasheet HTML 272Page - STMicroelectronics STR720RBQ6 Datasheet HTML 273Page - STMicroelectronics STR720RBQ6 Datasheet HTML 274Page - STMicroelectronics STR720RBQ6 Datasheet HTML 275Page - STMicroelectronics STR720RBQ6 Datasheet HTML 276Page - STMicroelectronics STR720RBQ6 Datasheet HTML 277Page - STMicroelectronics STR720RBQ6 Datasheet HTML 278Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
274/401
To exploit the double-buffering feature and reach the highest possible transfer rate, the
endpoint flow control structure, described in previous chapters, has to be modified, in order to
switch the endpoint status to NAK only when a buffer conflict occurs between the USB
Peripheral and application software, instead of doing it at the end of each successful
transaction. The memory buffer which is currently being used by the USB Peripheral is
defined by the DTOG bit related to the endpoint direction: DTOG_RX (bit 14 of USB_EPnR
register) for ‘reception’ double-buffered bulk endpoints or DTOG_TX (bit 6 of USB_EPnR
register) for ‘transmission’ double-buffered bulk endpoints. To implement the new flow control
scheme, the USB Peripheral should know which packet buffer is currently in use by the
application software, so to be aware of any conflict. Since in the USB_EPnR register, there
are two DTOG bits but only one is used by USB Peripheral for data and buffer sequencing
(due to the uni-directional constraint required by double-buffering feature) the other one can
be used by the application software to show which buffer it is currently using. This new buffer
flag is called SW_BUF. In the following table the correspondence between USB_EPnR
register bits and DTOG/SW_BUF definition is explained, for the cases of ‘transmission’ and
‘reception’ double-buffered bulk endpoints.
The memory buffer which is currently being used by the USB Peripheral is defined by DTOG
buffer flag, while the buffer currently in use by application software is identified by SW_BUF
buffer flag. The relationship between the buffer flag value and the used packet buffer is the
same in both cases, and it is listed in the following table.
Table 58. Double-Buffering Buffer Flag Definition
Buffer
flag
‘Transmission’
endpoint
‘Reception’
endpoint
DTOG
DTOG_TX (USB_EPnR bit 6)
DTOG_RX (USB_EPnR bit 14)
SW_BUF
USB_EPnR bit 14
USB_EPnR bit 6
Table 59. Double-Buffering Memory Buffers Usage
DTOG or SW_BUF
bit value
Packet buffer used by
USB Peripheral (DTOG) or
application software (SW_BUF)
0
ADDRn_TX / COUNTn_TX
buffer description table locations.
1
ADDRn_RX / COUNTn_RX
buffer description table locations.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com