Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 297 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 297 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 293Page - STMicroelectronics STR720RBQ6 Datasheet HTML 294Page - STMicroelectronics STR720RBQ6 Datasheet HTML 295Page - STMicroelectronics STR720RBQ6 Datasheet HTML 296Page - STMicroelectronics STR720RBQ6 Datasheet HTML 297Page - STMicroelectronics STR720RBQ6 Datasheet HTML 298Page - STMicroelectronics STR720RBQ6 Datasheet HTML 299Page - STMicroelectronics STR720RBQ6 Datasheet HTML 300Page - STMicroelectronics STR720RBQ6 Datasheet HTML 301Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
297/401
19.6.3
Buffer Descriptor Table
Although this table is located inside packet buffer memory, its entries can be considered as
additional registers used to configure the location and size of packet buffers used to exchange
data between USB and the STR720. Due to the common APB bridge limitation on word
addressability, all packet memory locations are accessed by the APB using 32-bit aligned
addresses, instead of the actual memory location addresses utilized by the USB Peripheral for
the USB_BTABLE register and buffer description table locations. In the following pages two
location addresses are reported: the one to be used by application software while accessing
the packet memory, and the local one relative to USB Peripheral access. To obtain the correct
STR720 memory address value to be used in the application software while accessing the
packet memory, the actual memory location address must be multiplied by two. The first
packet memory location is located at 0xC000 8800.
The buffer description table entry associated with the USB_EPnR registers is described
below. A thorough explanation of packet buffers and buffer descriptor table usage can be
found in the Section “Structure and Usage of Packet Buffers”.
Transmission Buffer Address n (USB_ADDRn_TX)
Address Offset: [USB_BTABLE] + n*16
USB local Address: [USB_BTABLE] + n*8
15
14
13
12
11
10
9
8
765432
1
0
ADDRn_TX[15:1]
-
rw
Bits 15:1
ADDRn_TX[15:1]. Transmission Buffer Address
These bits point to the starting address of the packet buffer containing data
to be transmitted by the endpoint associated with the USB_EPnR register
at the next IN token addressed to it.
Bit 0
Must always be written as ‘0’ since packet memory is word-wide and all
packet buffers must be word-aligned.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com