Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 344 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 344 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 340Page - STMicroelectronics STR720RBQ6 Datasheet HTML 341Page - STMicroelectronics STR720RBQ6 Datasheet HTML 342Page - STMicroelectronics STR720RBQ6 Datasheet HTML 343Page - STMicroelectronics STR720RBQ6 Datasheet HTML 344Page - STMicroelectronics STR720RBQ6 Datasheet HTML 345Page - STMicroelectronics STR720RBQ6 Datasheet HTML 346Page - STMicroelectronics STR720RBQ6 Datasheet HTML 347Page - STMicroelectronics STR720RBQ6 Datasheet HTML 348Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 401 page
background image
STR720 - GENERAL PURPOSE I/O PORTS
344/401
The Figure 62 on page 344 shows the basic structure of the General Purpose IO Port bit.
Table 72. Port Bit Configuration Table
(*) refer to the device electrical characteristics
The configuration PC0(n)-PC1(n)-PC2(n)=000 is Reserved and the user should not use it. In this config-
uration the correspondent pin enters the High Impedance state.
The configuration PC0(n)PC1(n)PC2(n)=100 and 010 configure the correspondent pin in the same state:
Input, Tristate, CMOS.
Figure 62. Basic Structure of an I/O Port Bit
PC0(n)
01
010
10
1
PC1(n)
00
110
01
1
PC2(n)
00
001
11
1
P(n) Configuration
RE-
SERV
ED
IN
INOUT
OUT
OUT
AF
AF
P(n) Output
TRI
TRI
WP
OD
PP
OD
PP
P(n) Input
-
CMOS
CMOS
CMOS
CMOS
CMOS
CMOS
Notes:
Hi: High impedance
OD: Open Drain
AIN: Analog Input
PP: Push-Pull
IN: Input
WP: Weak Push-Pull
OU: Output
TRI: Tristate
INOUT: Bidirectional
CMOS: CMOS Standard Input(*)
AF: Alternate Function
I/O PIN
Alternate Function (OUT)
Alternate Function (IN)
Push-Pull
Tristate
Open Drain
Weak Push-Pull
CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com