Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 352 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 352 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 348Page - STMicroelectronics STR720RBQ6 Datasheet HTML 349Page - STMicroelectronics STR720RBQ6 Datasheet HTML 350Page - STMicroelectronics STR720RBQ6 Datasheet HTML 351Page - STMicroelectronics STR720RBQ6 Datasheet HTML 352Page - STMicroelectronics STR720RBQ6 Datasheet HTML 353Page - STMicroelectronics STR720RBQ6 Datasheet HTML 354Page - STMicroelectronics STR720RBQ6 Datasheet HTML 355Page - STMicroelectronics STR720RBQ6 Datasheet HTML 356Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 401 page
background image
STR720 - MISCELLANEA REGISTERS (GCR - CGC - AHB_ERR)
352/401
24.3 S-GCR Block description
This block contains the configuration settings related to the peripherals connected to the
S-APB subsystem and to the whole device.
S-APB Global Configuration Register 1 (SGCR1)
Address: 0xF000_0C00
Reset value: 0x0000
This register collects all software controllable configuration bits.
Bit 15:6 = Reserved. These bits must be always written to 0.
Bit 5 = CACHE_CONF: CACHE CONFiguration selection
This bit can configure SDRAM interface to work in “burst-access” mode and must be used
whenever cache is enabled, so to have optimal performance from the system.
0: Normal access mode, to be used when ARM720T cache is disabled.
1: Burst-access mode, to be used when ARM720T cache is enabled.
Note
For further details and limitation of “burst-access” mode usage see Section 10.5:
Programming considerations on page 114, in DRAM controller chapter.
Bit 4:3 = Reserved. These bits must be always written to 0.
Bit 2 = EIC_SRES: EIC Soft RESet
This bit triggers a synchronous reset of the internal sequential logic of Enhanced Interrupt
Controller, leaving priority registers unaffected. It can be useful to recover some tricky
situations occurring inside the EIC state machines without requiring full reconfiguration of EIC
registers (see Section 7.6: Application note on page 67).
0: EIC is operating normally.
1: EIC logic is kept under synchronous reset.
Bit 1 = P7AS: Port7 Access Selection
This bit selects which interface is using port 7 pins which can be shared between EMI and
IDE, for example to access external FLASH banks during system boot and then switch to
CD-ROM access to complete system start-up.
0: EMI interface uses port 7 pins.
1: IDE interface uses port 7 pins.
Bit 0 = BRM: Boot ReMap
This bit selects which memory area is mapped in the address range from 0x0000_0000 to
0x1FFF_FFFF (Block 0) and it is used to conclude the boot phase when internal RAM has
been loaded with its required contents
0: Reserved ROM or EMI area is mapped on Block 0 (see EXT_BOOT bit in SGCR2 register).
1: PROG_RAM area is mapped on Block 0.
15
14
13
12
11
10
9
8
765432
1
0
Reserved
CACHE
_CONF
Reserved
EIC_
SRES
P7AS
BRM
-
rw
-
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com