Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 376 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 376 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 372Page - STMicroelectronics STR720RBQ6 Datasheet HTML 373Page - STMicroelectronics STR720RBQ6 Datasheet HTML 374Page - STMicroelectronics STR720RBQ6 Datasheet HTML 375Page - STMicroelectronics STR720RBQ6 Datasheet HTML 376Page - STMicroelectronics STR720RBQ6 Datasheet HTML 377Page - STMicroelectronics STR720RBQ6 Datasheet HTML 378Page - STMicroelectronics STR720RBQ6 Datasheet HTML 379Page - STMicroelectronics STR720RBQ6 Datasheet HTML 380Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
376/401
device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability. During overload conditions (VIN>VDD or VIN<VSS) the
voltage on pins with respect to ground (VSS) must not exceed the values obtained by the
Absolute Maximum Ratings.
During Power-on and Power-off transients (including Standby entering/exiting phases), the
relationships between voltages applied to the device and the main VDD-VDD3 shall be always
respected. In particular power-on and power-off of AVDD shall be coherent with VDD transient,
in order to avoid undesired current injection through the on-chip protection diodes.
28.3 Electrical sensitivity
Based on two different tests (ESD and LU) using specific measurement methods, the product
is stressed in order to determine its performance in terms of electrical sensitivity.
28.3.1
Electro-Static Discharge (ESD)
Electro-Static Discharges (a positive then a negative pulse separated by 1 second) are
applied to the pins of each sample according to each pin combination. Three models can be
simulated: Human Body Model, Machine Model and Charge Device Model.
1.
Data based on production characterization results, not tested in production.
Table 86. Current characteristics
Symbol
Parameter
Value
Unit
Min
Max
IOV
Input current on any pin during overload condition
-10
+10
mA
ITOV
Absolute sum of all input currents during overload condition
-
| 75 |
mA
Table 87. Thermal characteristics
Symbol
Parameter
Value
Unit
Min
Max
TJ
Junction temperature under bias
–40
+105
°C
TST
Storage temperature
-55
+150
°C
Table 88. ESD maximum ratings
Symbol
Ratings
Conditions
Max. value 1)
Unit
VESD(HBM)
Electro-static discharge voltage
(Human Body Model)
TA=+25°C
2000
V
VESD(MM)
Electro-static discharge voltage
(Machine Model)
TA=+25°C
200
V
VESD(CDM)
Electro-static discharge voltage
(Charge Device Model)
TA=+25°C
499
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com