Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 395 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 395 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 391Page - STMicroelectronics STR720RBQ6 Datasheet HTML 392Page - STMicroelectronics STR720RBQ6 Datasheet HTML 393Page - STMicroelectronics STR720RBQ6 Datasheet HTML 394Page - STMicroelectronics STR720RBQ6 Datasheet HTML 395Page - STMicroelectronics STR720RBQ6 Datasheet HTML 396Page - STMicroelectronics STR720RBQ6 Datasheet HTML 397Page - STMicroelectronics STR720RBQ6 Datasheet HTML 398Page - STMicroelectronics STR720RBQ6 Datasheet HTML 399Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
395/401
1.
See Figure 83 and Figure 84 for a definition of these parameters.
2.
VDD(all) = 1.80 V ± 10%, VDD3(all) = 3.30 V ± 10%, TA = -40 / +85 °C unless otherwise specified.
3.
Data based on design guidelines, not tested in production.
4.
TC is CPU clock period expressed in ns. For example if CPU clock is set to run at 50 MHz, TC =20 ns.
5.
Actual duration is configurable. See Chapter 11: EXTERNAL MEMORY INTERFACE (EMI) on page 115.
Table 109. EMI Write cycle timing characteristics
Symbol
Parameter(1)
Test Conditions(2), (3)
Value(4)
Unit
Min
Typ
Max
tWPC1
Write pulse time for ECSx in 8/
16-bit word access
Depends on EMI configura-
tion.(5)
2TC - x
9TC + x
ns
tWPW1
Write pulse time for EWEx in 8/
16-bit word access
Depends on EMI configura-
tion.(5)
TC - x
8TC + x
ns
tWPC2
Write pulse time for ECSx in
32-bit word access
Depends on EMI configura-
tion.(5)
4TC - x
18TC + x
ns
tWDH
Write Data Hold Time
TC - x
TC +x
ns
tWASC
Write address setup time to ECS
TC - x
TC +x
ns
tWASW
Write address setup time to
EWEx
TC - x
TC +x
ns
tWASD
Write address setup time to EDA-
TA
TC - x
TC +x
ns
tWWT
WEn Turnaround Time
TC - x
TC +x
ns
tWAH
Write Address Hold Time
ns
Figure 83. EMI Write cycle timing (8-bit or 16-bit word)
ECSx
ERD
EADD[21:0]
Address
wait cycle
wait cycle
wait cycle
tWASC
tWAH
Note: this diagram shows the timing of 3 wait-state cycle write access.
tWPW1
EWEx
EDATA[15:0]
(Output)
Data Output
tWDH
tWASW
tWASD
tWPC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com