Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 196 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 196 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 192Page - STMicroelectronics STR720RXH6 Datasheet HTML 193Page - STMicroelectronics STR720RXH6 Datasheet HTML 194Page - STMicroelectronics STR720RXH6 Datasheet HTML 195Page - STMicroelectronics STR720RXH6 Datasheet HTML 196Page - STMicroelectronics STR720RXH6 Datasheet HTML 197Page - STMicroelectronics STR720RXH6 Datasheet HTML 198Page - STMicroelectronics STR720RXH6 Datasheet HTML 199Page - STMicroelectronics STR720RXH6 Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 401 page
background image
STR720 - BUFFERED SPI (BSPI)
196/401
BSPI Control/Status Register 2 (BSPCSR2)
Address Offset: 0Ch
Reset value: 0040h
Bits 15:14 = TIE[1:0]: BSPI Transmit Interrupt Enable.
These bits control the source of the transmit interrupt.
Bits 13:10 = TFE[3:0]: Transmit FIFO Enable.
These bits control the depth of the transmit FIFO. The table below indicates all valid settings.
Bit 9 = TFNE: Transmit FIFO Not Empty.
This bit is set whenever the FIFO contains at least one data word.
Bit 8 = TFF: Transmit FIFO Full.
TFF is set whenever the number of words written to the transmit FIFO is equal to the number
15
14
13
12
11
10
9
8
765432
1
0
TIE[1:0]
TFE[3:0]
TFNE
TFF
TUFL
TFE
ROFL
RFF
RFNE
BERR
Res.
DFIFO
rw
rw
r
r
rrrrr
r
-
w
TIE1
TIE0
Interrupted on
00
Disabled
0
1
Transmit FIFO Empty
1
0
Transmit underflow (only in Master mode)
1
1
Transmit FIFO Full
TFE[3:0]
Depth of FIFO
0000
1st word enabled
0001
1st & 2nd words enabled
0010
1-3 words enabled
0011
1-4 words enabled
0100
1-5 words enabled
0101
1-6 words enabled
0110
1-7 words enabled
0111
1-8 words enabled
1000
1-9 words enabled
1001
1-10 words enabled
1010
1-11words enabled
1011
1-12words enabled
1100
1-13words enabled
1101
1-14words enabled
1110
1-15words enabled
1111
1-16words enabled
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com