Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 199 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 199 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 195Page - STMicroelectronics STR720RXH6 Datasheet HTML 196Page - STMicroelectronics STR720RXH6 Datasheet HTML 197Page - STMicroelectronics STR720RXH6 Datasheet HTML 198Page - STMicroelectronics STR720RXH6 Datasheet HTML 199Page - STMicroelectronics STR720RXH6 Datasheet HTML 200Page - STMicroelectronics STR720RXH6 Datasheet HTML 201Page - STMicroelectronics STR720RXH6 Datasheet HTML 202Page - STMicroelectronics STR720RXH6 Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 401 page
background image
STR720 - BUFFERED SPI (BSPI)
199/401
Note
The value set in RBURST_LEN field should match with the configured burst length
set in the corresponding DMA channel (SoBurst field in DMA control register).
Bits 3:2 = TBURST_LEN [1:0]: Transmit BURST LENgth
These bits configure the burst length when the BSPI transmits data. This programmable
length is used to set the number of data words the DMA controller is expected to send upon a
transmit request; this value is used in the DMA interface to determine when the BSPI is ready
to receive a data burst from the DMA. A word can be 16 bit or 8 bit wide according to the
configuration set in WL bits inside BSPCSR1 register.
Note
The value set in TBURST_LEN field should match with the configured burst length
set in the corresponding DMA channel (SoBurst field in DMA control register).
Bit 1 = DMA_EN: DMA interface ENable
This bit is a general enable switch for the DMA interface. When BSPI DMA interface is
disabled no request line will be activated and data transfer can occur through interrupt
notification only.
0 = DMA interface is disabled.
1 = DMA interface is enabled.
Bit 0 = MASK_SS: MASK Slave Select
This bit can be used to mask the status of Slave Select pin when BSPI is in master mode and
the pad corresponding to SS pin is not available. When this bit is set to ‘1’, the Bus Error
interrupt condition cannot be detected since internally the related signal is always considered
high regardless from the actual pad status.
0 = Slave Select pin is used.
1 = Slave Select pin is masked.
RBURST_
LEN[1:0]
BURST LENGTH
00
1 word transferred
01
4 words transferred
10
8 words transferred
11
16 words transferred
TBURST_
LEN[1:0]
BURST LENGTH
00
1 word transferred
01
4 words transferred
10
8 words transferred
11
16 words transferred
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com