Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 200 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 200 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 196Page - STMicroelectronics STR720RXH6 Datasheet HTML 197Page - STMicroelectronics STR720RXH6 Datasheet HTML 198Page - STMicroelectronics STR720RXH6 Datasheet HTML 199Page - STMicroelectronics STR720RXH6 Datasheet HTML 200Page - STMicroelectronics STR720RXH6 Datasheet HTML 201Page - STMicroelectronics STR720RXH6 Datasheet HTML 202Page - STMicroelectronics STR720RXH6 Datasheet HTML 203Page - STMicroelectronics STR720RXH6 Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 401 page
background image
STR720 - BUFFERED SPI (BSPI)
200/401
BSPI Master Clock Divider Register (BSPCLK)
Address Offset: 10h
Reset value: 0006h
Bits 15:8 = Reserved.
To be left at 0 level (reset status).
Bits 7:0 = DIV[7:0]: Divide factor bits.
These bits are used to control the frequency of the BSPI serial clock with relation to the device
clock APB_CLK. In master mode this number must be an even number greater than five, i.e.
six is the lowest divide factor. In slave mode this number must be an even number greater
than seven, i.e. eight is the lowest divide factor.
These bits must be set before the BSPE or MSTR bits, i.e. before the BSPI is configured into
master mode.
BSPI Transmit Register (BSPTXR)
Address Offset: 04h
Reset value: n/a
Bits 15:0 = TX[15:0]: Transmit data.
This register is used to write data for transmission into the BSPI. If the FIFO is enabled then
data written to this register will be transferred to the FIFO before transmission. If the FIFO is
disabled then the register contents are transferred directly to the shift register for
transmission. In sixteen bit mode all of the register bits are used. In eight bit mode only the
upper eight bits of the register are used while lower eight bits are ignored. In both case the
data is left justified, i.e. Bit[15] = MSB, Bit[0] / Bit[8] = LSB depending on the operating mode.
15
14
13
12
11
10
9
8
765432
1
0
reserved
DIV[7:0]
-rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
16 bit Transmission
TX[15:0]
8 bit Transmission
TX[7:0]
Not Used
w
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com