Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 335 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 335 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 331Page - STMicroelectronics STR720RXH6 Datasheet HTML 332Page - STMicroelectronics STR720RXH6 Datasheet HTML 333Page - STMicroelectronics STR720RXH6 Datasheet HTML 334Page - STMicroelectronics STR720RXH6 Datasheet HTML 335Page - STMicroelectronics STR720RXH6 Datasheet HTML 336Page - STMicroelectronics STR720RXH6 Datasheet HTML 337Page - STMicroelectronics STR720RXH6 Datasheet HTML 338Page - STMicroelectronics STR720RXH6 Datasheet HTML 339Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 401 page
background image
STR720 - S-D ANALOG/DIGITAL CONVERTER (ADC)
335/401
22.3.7
The Sinc3 Decimation Filter
The single-bit bitstream in output from the
Σ−∆ modulator is fed to a Sinc3 digital filter which
filters the modulator bitstream output and decimates the sample rate to Fs. The Sinc
3
Z-domain transfer function
is:
with N = 171 in the case of STR720 device.
can be also conveniently represented as
the product of three functions of the kind:
where
{n=0,1, 2} is given by:
is therefore the product of three low-pass filters
of 171 taps each and with
zeros evenly spread from 0 to F
Mod (modulator sampling frequency) in the
frequency domain. Since, in the discrete time domain, the impulse response
inverse
z-transform of
is given by the convolution:
the total number of taps of
is
.
The normal implementation of this filter is shown below in Figure 3. The transfer function is
decomposed into IIR and FIR sections — the IIR section (consisting of 3 integrators) runs at
the full oversampling clock rate while the FIR section (with 3 differentiators) runs at the
decimated rate.
Figure 58. Sinc3 Digital Filter
Hz
()
Hz
()
1
N
3
------
1
z
N
–
–
1
z
1
–
–
-----------------
×
3
=
Hz
()
Hz
()
H
1
H
2
×
H
3
×
=
H
n z
()
H
n z
()
1
N
----
1
z
N
–
–
1
z
1
–
–
-----------------
×
1
N
----
z
n
–
1
z
1
–
z
2
–
… z
N
1
–
()
–
++
+
+
()
=
n
0
=
N
1
–
∑
×
=
=
Hz
()
H
n z
()
N
171
=
hn
()
Hz
()
hn
()
h
1
h
2
h
3
⊗⊗
()
=
hn
()
3N
2
–
511
=
/171
i/p
o/p
1
1
z 1
–
–
-----------------
1
z N
–
–
Single Bit
16 Bit
1
1
z 1
–
–
-----------------
1
1
z 1
–
–
-----------------
1
z N
–
–
1
z N
–
–
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com