Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 337 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 337 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 333Page - STMicroelectronics STR720RXH6 Datasheet HTML 334Page - STMicroelectronics STR720RXH6 Datasheet HTML 335Page - STMicroelectronics STR720RXH6 Datasheet HTML 336Page - STMicroelectronics STR720RXH6 Datasheet HTML 337Page - STMicroelectronics STR720RXH6 Datasheet HTML 338Page - STMicroelectronics STR720RXH6 Datasheet HTML 339Page - STMicroelectronics STR720RXH6 Datasheet HTML 340Page - STMicroelectronics STR720RXH6 Datasheet HTML 341Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 401 page
background image
STR720 - S-D ANALOG/DIGITAL CONVERTER (ADC)
337/401
The word lengths needed in each integrator and differentiator are given by the formula
b=3log2(N) + 1. This gives a maximum word length of 21 bits for the internal registers. As the
output is only 16 bits, the LSBs are discarded.
Note
Only the 12 most significant bits out of this 16 bits are guaranteed to be accurate
according to the device specification, even if all 16 bits can be read.
Since the first zero of the decimation filter is located at
while the first replica of the spectrum of the modulator after decimation is located at:
care must be taken to ensure that the Nyquist criterion is respected to avoid alias, i.e.:
The description above refers to the operations in normal decimation mode. When low-rate
decimation mode is selected, the registers in the decimated section will be updated when the
count gets to 1700 instead of 170 and the world length of the registers will be 33 bits instead
of 23, the final value containing bits 33:18 of the final differentiator. The reset of the filter will
occur every 5120 cycles instead of every 512.
22.3.8
Bandgap Reference
An on-chip bandgap reference generates a 1.22 V reference. This is used to generate two
voltages used by the modulator — VCM & VREF. VCM is designed to be 1.25 V, the midpoint of
the converter’s voltage range and VREF is the feedback reference, 1.74 V. As the bandgap
reference is not trimmed, absolute values of VCM & VREF could be inaccurate by up to± 5%.
This will lead to gain and offset errors in the converter which can be calibrated out digitally if
necessary.
To calibrate the converter it is necessary to input the minimum and maximum inputs
supported — 0 V and 2.5 V. The digital output for a 0 V input is the offset and the gain of the
converter is given by:
The offset and gain correction factors can be stored digitally and applied to all outputs from
the converter, for all four input channels.
ω
2
π
171
---------
=
ω
2
π
2048
------------
=
F
s
F
Nyq
2F
Max
=
≥
G
2.5Voutput
0Voutput
–
()
2.5
----------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com