Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 340 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 340 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 336Page - STMicroelectronics STR720RXH6 Datasheet HTML 337Page - STMicroelectronics STR720RXH6 Datasheet HTML 338Page - STMicroelectronics STR720RXH6 Datasheet HTML 339Page - STMicroelectronics STR720RXH6 Datasheet HTML 340Page - STMicroelectronics STR720RXH6 Datasheet HTML 341Page - STMicroelectronics STR720RXH6 Datasheet HTML 342Page - STMicroelectronics STR720RXH6 Datasheet HTML 343Page - STMicroelectronics STR720RXH6 Datasheet HTML 344Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 401 page
background image
STR720 - S-D ANALOG/DIGITAL CONVERTER (ADC)
340/401
Bit 12 = Reserved. This bit should be written as ‘0’ and will be read always at ‘0’.
Bits 11:8 = IE[3:0]: Interrupt Enable
This set of bits allows to enable interrupt requests independently for each of the ADC
channels, where bit IE[n] corresponds to ADC channel n.
0: Channel n interrupt disabled.
1: Channel n interrupt enabled.
Bit 7 = Reserved. This bit should be written as ‘0’ and will be read always at ‘0’.
Bit 6 = AXT: Addressing eXTernal enable
This bit allows to enable the single-channel operation, configuring the ADC to convert
repeatedly the channel identified by A[1:0] bits of this register.
0: Round-robin addressing enabled.
1: Single-channel addressing enabled.
Bits 5:4 = A[1:0]: channel Address
These bits select the external channel to be sampled when external addressing is enabled.
Bits 3:0 = DA[3:0]: Data Available
This read-clear set of bits allows to determine on which channel data register a new sample is
ready to be read, where bit DA[n] corresponds to ADC channel n. They are set by hardware as
soon as a new sample on the corresponding channel is available and they can be cleared
explicitly by writing them to “0” or indirectly when the corresponding data register is read.
Writing “1” into these bits has no effect.
0: No sample is available on the corresponding channel.
1: New sample available on the corresponding channel.
These bits also act as interrupt flags for the corresponding channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com