Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 338 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 338 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 334Page - STMicroelectronics STR720RXH6 Datasheet HTML 335Page - STMicroelectronics STR720RXH6 Datasheet HTML 336Page - STMicroelectronics STR720RXH6 Datasheet HTML 337Page - STMicroelectronics STR720RXH6 Datasheet HTML 338Page - STMicroelectronics STR720RXH6 Datasheet HTML 339Page - STMicroelectronics STR720RXH6 Datasheet HTML 340Page - STMicroelectronics STR720RXH6 Datasheet HTML 341Page - STMicroelectronics STR720RXH6 Datasheet HTML 342Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 401 page
background image
STR720 - S-D ANALOG/DIGITAL CONVERTER (ADC)
338/401
22.3.9
ADC Input Equivalent Circuit
The input equivalent circuit, due to the switching at F
Mod rate of the input capacitance where
the charge taken from the input signal to be measured is stored, can be represented as
follows:
where V
S is the voltage under measurement, RS is the output resistance of the source, VPIN
the voltage the will actually converted and R
IN the input equivalent resistance of the ADC. RIN
is inversely proportional to the modulator oversampling clock and the constant K is equal to
540 [k
Ω][MHz] +/- 20%.
22.3.10 ADC Output Coding
The
Σ−∆ converter produces a digital sample of each analog input channel every 512
oversampling clocks (5120 when low-rate mode is selected). The digital samples in output
from the Sinc3 digital filter are stored in the four ADCDATAn registers as 16-bit samples of
which only the first 12 most significant bits are meaningful. The converted value stored in
ADCDATA[n] is a signed two’s complement value and proportional to the difference (VIN-VCM),
being ideally 0 if the input voltage were VIN = VCM. Since the gain and offset errors previously
described, before actually using the result of the conversion calibration must be performed.
Note
The analog input voltage should not exceed twice the Center Voltage of the
Σ-∆
Modulator (2 * V
CM)
otherwise converter performances cannot be guaranteed.
Remember that the V
CM Voltage has an accuracy of +/- 5% which imposes a
calibration of the converter.
Figure 61. ADC Input Equivalent Circuit
VCM
+
RIN = K * 1/FMod
VS
+
RS
VPIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com